Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 43 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 39Page - STMicroelectronics SPC574K70E5 Datasheet HTML 40Page - STMicroelectronics SPC574K70E5 Datasheet HTML 41Page - STMicroelectronics SPC574K70E5 Datasheet HTML 42Page - STMicroelectronics SPC574K70E5 Datasheet HTML 43Page - STMicroelectronics SPC574K70E5 Datasheet HTML 44Page - STMicroelectronics SPC574K70E5 Datasheet HTML 45Page - STMicroelectronics SPC574K70E5 Datasheet HTML 46Page - STMicroelectronics SPC574K70E5 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 127 page
background image
DocID023601 Rev 5
43/127
SPC574Kxx
Electrical characteristics
126
3.9
Reset pad (PORST, ESR0) electrical characteristics
The device implements a dedicated bidirectional reset pin (PORST).
Note:
PORST pin does not require active control. It is possible to implement an external pull-up to
ensure correct reset exit sequence. Recommended value is 4.7 k
.
Figure 8. Start-up reset requirements
IDYN_V
CC
D
Dynamic I/O current for VERY
STRONG configuration
CL = 25 pF,
VDD = 5.0 V ± 10%
——
60
mA
CL = 50 pF,
VDD = 5.0 V ± 10%
——
64
CL = 25 pF,
VDD = 3.3 V ± 10%
——
26
CL = 50 pF,
VDD = 3.3 V ± 10%
——
29
1.
I/O current consumption specifications for the 4.5 V <= VDD_HV_IO <= 5.5 V range are valid for VSIO_[VSIO_xx] = 1, and
VSIO[VSIO_xx] = 0 for 3.0 V <= VDD_HV_IO <= 3.6 V.
2.
Stated maximum values represent peak consumption that lasts only a few ns during I/O transition. When possible (timed
output) it is recommended to delay transition between pads by few cycles to reduce noise and consumption.
Table 20. I/O consumption(1)(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VIL
VDD
VDDMIN
PORST
VIH
device start-up phase
VDD_POR
PORST undriven.
Device reset by
internal power-on
reset.
PORST driven low by
internal power-on reset.
Device reset forced by
external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com