Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 86 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 82Page - STMicroelectronics SPC574K70E5 Datasheet HTML 83Page - STMicroelectronics SPC574K70E5 Datasheet HTML 84Page - STMicroelectronics SPC574K70E5 Datasheet HTML 85Page - STMicroelectronics SPC574K70E5 Datasheet HTML 86Page - STMicroelectronics SPC574K70E5 Datasheet HTML 87Page - STMicroelectronics SPC574K70E5 Datasheet HTML 88Page - STMicroelectronics SPC574K70E5 Datasheet HTML 89Page - STMicroelectronics SPC574K70E5 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
Electrical characteristics
SPC574Kxx
86/127
DocID023601 Rev 5
3.17.1.4
Aurora debug port timing
3.
Startup time is defined as the time taken by LVDS receiver for settling after its pwr_down (power down) has been
deasserted. Here it is assumed that current reference is already stable (see Bias start-up time). LVDS functionality is
guaranteed only after the startup time.
Table 46. Aurora debug port timing
#
Symbol
C
Characteristic
Value
Unit
Min
Max
1tREFCLK
CC
T
Reference clock frequency
625
1250
MHz
1a
tMCYC
CC
T
Reference clock rise/fall time
—
400
ps
2tRCDC
CC
D
Reference clock duty cycle
45
55
%
3JRC
CC
D
Reference clock jitter
—
40
ps
4tSTABILITY
CC
D
Reference clock stability
50
—
PPM
5
BER
CC
D
Bit error rate
—
10–12
—
6JD
SR
D
Transmit lane deterministic jitter
—
0.17
OUI
7JT
SR
D
Transmit lane total jitter
—
0.35
OUI
8SO
CC
T
Differential output skew
—
20
ps
9SMO
CC
T
Lane to lane output skew
—
1000
ps
10
OUI
CC
D
Aurora lane unit interval(1)
625 Mbps
1600
1600
ps
D
1.25 Gbps
800
800
1.
± 100 PPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com