Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K70E5 Datasheet(PDF) 107 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 103Page - STMicroelectronics SPC574K70E5 Datasheet HTML 104Page - STMicroelectronics SPC574K70E5 Datasheet HTML 105Page - STMicroelectronics SPC574K70E5 Datasheet HTML 106Page - STMicroelectronics SPC574K70E5 Datasheet HTML 107Page - STMicroelectronics SPC574K70E5 Datasheet HTML 108Page - STMicroelectronics SPC574K70E5 Datasheet HTML 109Page - STMicroelectronics SPC574K70E5 Datasheet HTML 110Page - STMicroelectronics SPC574K70E5 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 127 page
background image
DocID023601 Rev 5
107/127
SPC574Kxx
Electrical characteristics
126
3.17.4.2
TxD
Figure 42. TxD signal
dCCTxD50%
TxD
dCCTxDFALL
dCCTxDRISE
20
50 %
80 %
Table 58. TxD output characteristics(1)(2)
Symbol
C
Characteristic
Value
Unit
Min
Max
dCCTxAsym
CC
D
Asymmetry of sending CC at 25 pF load
(= dCCTxD50%  100 ns)
–2.45
2.45
ns
dCCTxDRISE25+dCCTxDFALL25 CC
D
Sum of Rise and Fall time of TxD signal at the
output pin(3),(4)
—9(5)
ns
D—
9(6)
dCCTxD01
CC
D
Sum of delay between Clk to Q of the last FF and
the final output buffer, rising edge
—25
ns
dCCTxD10
CC
D
Sum of delay between Clk to Q of the last FF and
the final output buffer, falling edge
—25
ns
1.
TxD pin load maximum 25 pF.
2.
Specifications valid according to FlexRay EPL 3.0.1 standard with 20%–80% levels and a 10pF load at the end of a
50 Ohm, 1 ns stripline. Please refer to the Very Strong I/O pad specifications.
3.
Pad configured as VERY STRONG.
4.
Sum of transition time simulation is performed according to Electrical Physical Layer Specification 3.0.1 and the entire
temperature range of the device has been taken into account.
5. VDD_HV_IO = 5.0 V ± 10%, Transmission line Z = 50 ohms, tdelay = 1 ns, CL = 10 pF
6. VDD_HV_IO = 3.3 V ± 10%, Transmission line Z = 50 ohms, tdelay = 0.6 ns, CL = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com