Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362AD Datasheet(PDF) 32 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 32 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 28Page - Motorola, Inc DSP56362AD Datasheet HTML 29Page - Motorola, Inc DSP56362AD Datasheet HTML 30Page - Motorola, Inc DSP56362AD Datasheet HTML 31Page - Motorola, Inc DSP56362AD Datasheet HTML 32Page - Motorola, Inc DSP56362AD Datasheet HTML 33Page - Motorola, Inc DSP56362AD Datasheet HTML 34Page - Motorola, Inc DSP56362AD Datasheet HTML 35Page - Motorola, Inc DSP56362AD Datasheet HTML 36Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 168 page
background image
1-24
DSP56362 Advance Information
MOTOROLA
Signal/Connection Descriptions
Enhanced Serial Audio Interface
SCKR
PC0
Input or output
Input, output,
or
disconnected
GPIO
disconnected
Receiver Serial Clock—SCKR provides the
receiver serial bit clock for the ESAI. The SCKR
operates as a clock input or output used by all the
enabled receivers in the asynchronous mode
(SYN=0), or as serial flag 0 pin in the synchronous
mode (SYN=1).
When this pin is configured as serial flag pin, its
direction is determined by the RCKD bit in the
RCCR register. When configured as the output flag
OF0, this pin will reflect the value of the OF0 bit in
the SAICR register, and the data in the OF0 bit will
show up at the pin synchronized to the frame sync in
normal mode or the slot in network mode. When
configured as the input flag IF0, the data value at the
pin will be stored in the IF0 bit in the SAISR register,
synchronized by the frame sync in normal mode or
the slot in network mode.
Port C 0—When the ESAI is configured as GPIO,
this signal is individually programmable as input,
output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
SCKT
PC3
Input or output
Input, output,
or
disconnected
GPIO
disconnected
Transmitter Serial Clock—This signal provides the
serial bit rate clock for the ESAI. SCKT is a clock
input or output used by all enabled transmitters and
receivers in synchronous mode, or by all enabled
transmitters in asynchronous mode.
Port C 3—When the ESAI is configured as GPIO,
this signal is individually programmable as input,
output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
Table 1-11 Enhanced Serial Audio Interface Signals (Continued)
Signal
Name
Signal Type
State during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com