Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362AD Datasheet(PDF) 98 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 98 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 94Page - Motorola, Inc DSP56362AD Datasheet HTML 95Page - Motorola, Inc DSP56362AD Datasheet HTML 96Page - Motorola, Inc DSP56362AD Datasheet HTML 97Page - Motorola, Inc DSP56362AD Datasheet HTML 98Page - Motorola, Inc DSP56362AD Datasheet HTML 99Page - Motorola, Inc DSP56362AD Datasheet HTML 100Page - Motorola, Inc DSP56362AD Datasheet HTML 101Page - Motorola, Inc DSP56362AD Datasheet HTML 102Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 168 page
background image
2-60
DSP56362 Advance Information
MOTOROLA
Specifications
Serial Host Interface SPI Protocol Timing
153
SCK edge to data out
not valid
(data out hold time)
Master
/Slave
Bypassed
TC+5
15
—
ns
Narrow
TC+55
65
—
Wide
TC+106
116
—
154 SS assertion to data
out valid (CPHA = 0)
Slave
—
TC+33
—
43
ns
157
First SCK sampling
edge to HREQ output
deassertion
Slave
Bypassed
2.5
×TC+30
—
55
ns
Narrow
2.5
×TC+120
—
145
Wide
2.5
×TC+217
—
242
158
Last SCK sampling
edge to HREQ output
not deasserted
(CPHA = 1)
Slave
Bypassed
2.5
×TC+30
55
—
ns
Narrow
2.5
×TC+80
105
—
Wide
2.5
×TC+136
161
—
159
SS deassertion to
HREQ output not
deasserted (CPHA = 0)
Slave
—
2.5
×TC+30
55
—
ns
160 SS deassertion pulse
width (CPHA = 0)
Slave
—
TC+6
16
—
ns
161 HREQ in assertion to
first SCK edge
Master
Bypassed
0.5
× tSPICC +
2.5
×TC+43
121
—
ns
Narrow
0.5
×tSPICC +
2.5
×TC+43
174
—
Wide
0.5
×tSPICC +
2.5
×TC+43
209
—
162
HREQ in deassertion
to last SCK sampling
edge (HREQ in set-up
time) (CPHA = 1)
Master
—
0
0
—
ns
163
First SCK edge to
HREQ in not asserted
(HREQ in hold time)
Master
—
0
0
—
ns
Note:
Periodically sampled, not 100% tested
Table 2-21 Serial Host Interface SPI Protocol Timing (Continued)
No.
Characteristics
Mode
Filter
Mode
Expression
100MHz
Unit
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com