Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362AD Datasheet(PDF) 40 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 40 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 36Page - Motorola, Inc DSP56362AD Datasheet HTML 37Page - Motorola, Inc DSP56362AD Datasheet HTML 38Page - Motorola, Inc DSP56362AD Datasheet HTML 39Page - Motorola, Inc DSP56362AD Datasheet HTML 40Page - Motorola, Inc DSP56362AD Datasheet HTML 41Page - Motorola, Inc DSP56362AD Datasheet HTML 42Page - Motorola, Inc DSP56362AD Datasheet HTML 43Page - Motorola, Inc DSP56362AD Datasheet HTML 44Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 168 page
background image
2-2
DSP56362 Advance Information
MOTOROLA
Specifications
Thermal Characteristics
THERMAL CHARACTERISTICS
Table 2-1 Maximum Ratings
Rating1
Symbol
Value1, 2
Unit
Supply Voltage
VCC
−0.3 to +4.0
V
All input voltages excluding “5 V tolerant” inputs3
VIN
GND
−0.3 to VCC + 0.3
V
All “5 V tolerant” input voltages3
VIN5
GND
−0.3 to VCC + 3.95
V
Current drain per pin excluding VCC and GND
I10
mA
Operating temperature range
TJ
−40 to +105
°C
Storage temperature
TSTG
−55 to +125
°C
Notes:
1.
GND = 0 V, VCC = 3.3 V ± .16V, TJ = 0°C to +100°C, CL = 50 pF
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not
guaranteed. Stress beyond the maximum rating may affect device reliability or cause permanent
damage to the device.
3.
CAUTION: All “5 V Tolerant” input voltages must not be more than 3.95 V greater than the supply
voltage; this restriction applies to “power on”, as well as during normal operation. In any case, the input
voltages cannot be more than 5.75 V. “5 V Tolerant” inputs are inputs that tolerate 5 V.
Table 2-2 Thermal Characteristics
Characteristic
Symbol
LQFP Value
Unit
Junction-to-ambient thermal resistance1
RθJA or θJA
45.3
°C/W
Junction-to-case thermal resistance2
RθJC or θJC
10.1
°C/W
Thermal characterization parameter
ΨJT
5.5
°C/W
Notes: 1.
Junction-to-ambient thermal resistance is based on measurements on a horizontal single-
sided printed circuit board per SEMI G38-87 in natural convection.(SEMI is Semiconductor
Equipment and Materials International, 805 East Middlefield Rd., Mountain View, CA 94043,
(415) 964-5111.)
Measurements were done with parts mounted on thermal test boards conforming to
specification EIA/JESD51-3.
2.
Junction-to-case thermal resistance is based on measurements using a cold plate per SEMI
G30-88, with the exception that the cold plate temperature is used for the case temperature.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com