Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362AD Datasheet(PDF) 75 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 75 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 71Page - Motorola, Inc DSP56362AD Datasheet HTML 72Page - Motorola, Inc DSP56362AD Datasheet HTML 73Page - Motorola, Inc DSP56362AD Datasheet HTML 74Page - Motorola, Inc DSP56362AD Datasheet HTML 75Page - Motorola, Inc DSP56362AD Datasheet HTML 76Page - Motorola, Inc DSP56362AD Datasheet HTML 77Page - Motorola, Inc DSP56362AD Datasheet HTML 78Page - Motorola, Inc DSP56362AD Datasheet HTML 79Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 168 page
background image
Specifications
External Memory Expansion Port (Port A)
MOTOROLA
DSP56362 Advance Information
2-37
166 CAS assertion pulse width
tCAS
3.75
× TC − 4.0
33.5
—
ns
167 RAS assertion to CAS assertion
tRCD
2.5
× TC ± 4.021.029.0ns
168 RAS assertion to column address valid
tRAD
1.75
× TC ± 4.0
13.5
21.5
ns
169 CAS deassertion to RAS assertion
tCRP
5.75
× TC − 4.0
53.5
—
ns
170 CAS deassertion pulse width
tCP
4.25
× TC − 4.0
38.5
—
ns
171 Row address valid to RAS assertion
tASR
4.25
× TC − 4.0
38.5
—
ns
172 RAS assertion to row address not valid
tRAH
1.75
× TC − 4.0
13.5
—
ns
173 Column address valid to CAS assertion
tASC
0.75
× TC − 4.0
3.5
—
ns
174 CAS assertion to column address not
valid
tCAH
5.25
× TC − 4.0
48.5
—
ns
175 RAS assertion to column address not
valid
tAR
7.75
× TC − 4.0
73.5
—
ns
176 Column address valid to RAS
deassertion
tRAL
6
× TC − 4.0
56.0
—
ns
177 WR deassertion to CAS assertion
tRCS
3.0
× TC − 4.0
26.0
—
ns
178 CAS deassertion to WR5 assertion
tRCH
1.75
× TC − 4.0
13.5
—
ns
179 RAS deassertion to WR5 assertion
tRRH
0.25
× TC − 3.0
—
—
ns
0.25
× TC − 2.0
0.5
—
180 CAS assertion to WR deassertion
tWCH
5
× TC − 4.2
45.8
—
ns
181 RAS assertion to WR deassertion
tWCR
7.5
× TC − 4.2
70.8
—
ns
182 WR assertion pulse width
tWP
11.5
× TC − 4.5 110.5
—
ns
183 WR assertion to RAS deassertion
tRWL
11.75
× TC − 4.3 113.2
—
ns
184 WR assertion to CAS deassertion
tCWL
10.25
× TC − 4.3 103.2
—
ns
185 Data valid to CAS assertion (write)
tDS
5.75
× TC − 4.0
53.5
—
ns
186 CAS assertion to data not valid (write)
tDH
5.25
× TC − 4.0
48.5
—
ns
187 RAS assertion to data not valid (write)
tDHR
7.75
× TC − 4.0
73.5
—
ns
188 WR assertion to CAS assertion
tWCS
6.5
× TC − 4.3
60.7
—
ns
189 CAS assertion to RAS assertion
(refresh)
tCSR
1.5
× TC − 4.0
11.0
—
ns
190 RAS deassertion to CAS assertion
(refresh)
tRPC
2.75
× TC − 4.0
23.5
—
ns
191 RD assertion to RAS deassertion
tROH
11.5
× TC − 4.0 111.0
—
ns
192 RD assertion to data valid
tGA
10
× TC − 7.0
93.0
ns
Table 2-15 DRAM Out-of-Page and Refresh Timings,
Eleven Wait States1, 2 (Continued)
No.
Characteristics4
Symbol
Expression3
100 MHz
Unit
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com