Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362AD Datasheet(PDF) 97 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 97 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 93Page - Motorola, Inc DSP56362AD Datasheet HTML 94Page - Motorola, Inc DSP56362AD Datasheet HTML 95Page - Motorola, Inc DSP56362AD Datasheet HTML 96Page - Motorola, Inc DSP56362AD Datasheet HTML 97Page - Motorola, Inc DSP56362AD Datasheet HTML 98Page - Motorola, Inc DSP56362AD Datasheet HTML 99Page - Motorola, Inc DSP56362AD Datasheet HTML 100Page - Motorola, Inc DSP56362AD Datasheet HTML 101Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 168 page
background image
Specifications
Serial Host Interface SPI Protocol Timing
MOTOROLA
DSP56362 Advance Information
2-59
142 Serial clock high period
Master
Bypassed
0.5
×tSPICC –10
43
—
ns
Narrow
0.5
×tSPICC –10
96
—
Wide
0.5
×tSPICC –10
131
—
Slave
Bypassed
2.5
×TC+12
37
—
Narrow
2.5
×TC+102
127
—
Wide
2.5
×TC+189
214
—
143 Serial clock low period
Master
Bypassed
0.5
×tSPICC –10
43
—
ns
Narrow
0.5
×tSPICC –10
96
—
Wide
0.5
×tSPICC –10
131
—
Slave
Bypassed
2.5
×TC+12
37
—
Narrow
2.5
×TC+102
127
—
Wide
2.5
×TC+189
214
—
144 Serial clock rise/fall
time
Master
—
—
—
10
ns
Slave
—
—
—
2000
146
SS assertion to first
SCK edge CPHA = 0
Slave
Bypassed
3.5
×TC+15
50
—
ns
Narrow
0
0
—
Wide
0
0
—
CPHA = 1
Slave
Bypassed
10
10
—
Narrow
0
0
—
Wide
0
0
—
147 Last SCK edge to SS
not asserted
slave
Bypassed
12
12
—
ns
Narrow
102
102
—
Wide
189
189
—
148
Data input valid to SCK
edge (data input set-up
time)
Master
/Slave
Bypassed
0
0
—
ns
Narrow
MAX{(20-TC), 0}
10
—
Wide
MAX{(40-TC), 0}
30
—
149
SCK last sampling
edge to data input not
valid
Master
/Slave
Bypassed
2.5
×TC+10
35
—
ns
Narrow
2.5
×TC+30
55
—
Wide
2.5
×TC+50
75
—
150 SS assertion to data
out active
Slave
—
2
2
—
ns
151 SS deassertion to data
high impedance
Slave
—
9
—
9
ns
152
SCK edge to data out
valid (data out delay
time)
Master
/Slave
Bypassed
2
×TC+33
—
53
ns
Narrow
2
×TC+123
—
143
Wide
2
×TC+210
—
230
Table 2-21 Serial Host Interface SPI Protocol Timing (Continued)
No.
Characteristics
Mode
Filter
Mode
Expression
100MHz
Unit
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com