Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362AD Datasheet(PDF) 25 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 25 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 21Page - Motorola, Inc DSP56362AD Datasheet HTML 22Page - Motorola, Inc DSP56362AD Datasheet HTML 23Page - Motorola, Inc DSP56362AD Datasheet HTML 24Page - Motorola, Inc DSP56362AD Datasheet HTML 25Page - Motorola, Inc DSP56362AD Datasheet HTML 26Page - Motorola, Inc DSP56362AD Datasheet HTML 27Page - Motorola, Inc DSP56362AD Datasheet HTML 28Page - Motorola, Inc DSP56362AD Datasheet HTML 29Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 168 page
background image
Signal/Connection Descriptions
Host Interface (HDI08)
MOTOROLA
DSP56362 Advance Information
1-17
HACK/
HACK
HRRQ/
HRRQ
PB15
Input
Output
Input, output,
or
disconnected
GPIO
disconnected
Host Acknowledge—When HDI08 is
programmed to interface a single host request
host bus and the HI function is selected, this
signal is the host acknowledge (HACK) Schmitt-
trigger input. The polarity of the host
acknowledge is programmable, but is configured
as active-low (HACK) after reset.
Receive Host Request—When HDI08 is
programmed to interface a double host request
host bus and the HI function is selected, this
signal is the receive host request (HRRQ) output.
The polarity of the host request is programmable,
but is configured as active-low (HRRQ) after
reset. The host request may be programmed as a
driven or open-drain output.
Port B 15—When the HDI08 is configured as
GPIO, this signal is individually programmed as
input, output, or internally disconnected.
The default state after reset for this signal is
GPIO disconnected.
This input is 5 V tolerant.
Table 1-9 Host Interface (Continued)
Signal
Name
Type
State during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com