Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362AD Datasheet(PDF) 74 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 74 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 70Page - Motorola, Inc DSP56362AD Datasheet HTML 71Page - Motorola, Inc DSP56362AD Datasheet HTML 72Page - Motorola, Inc DSP56362AD Datasheet HTML 73Page - Motorola, Inc DSP56362AD Datasheet HTML 74Page - Motorola, Inc DSP56362AD Datasheet HTML 75Page - Motorola, Inc DSP56362AD Datasheet HTML 76Page - Motorola, Inc DSP56362AD Datasheet HTML 77Page - Motorola, Inc DSP56362AD Datasheet HTML 78Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 168 page
background image
2-36
DSP56362 Advance Information
MOTOROLA
Specifications
External Memory Expansion Port (Port A)
186 CAS assertion to data not valid (write)
tDH
3.25
× TC − 4.0 36.6 —
ns
187 RAS assertion to data not valid (write)
tDHR
5.75
× TC − 4.0 67.9 —
ns
188 WR assertion to CAS assertion
tWCS
5.5
× TC − 4.3 64.5 —
ns
189 CAS assertion to RAS assertion (refresh)
tCSR
1.5
× TC − 4.0 14.8 —
ns
190 RAS deassertion to CAS assertion (refresh)
tRPC
1.75
× TC − 4.0 17.9 —
ns
191 RD assertion to RAS deassertion
tROH
8.5
× TC − 4.0
102.
3
—ns
192 RD assertion to data valid
tGA
7.5
× TC − 6.5
—
87.3
ns
193 RD deassertion to data not valid4
tGZ
0.0
0.0
—
ns
194 WR assertion to data active
0.75
× TC − 0.3 9.1
—
ns
195 WR deassertion to data high impedance
0.25
× TC
—3.1
ns
Notes:
1.
The number of wait states for out-of-page access is specified in the DCR.
2.
The refresh period is specified in the DCR.
3.
The asynchronous delays specified in the expressions are valid for DSP56362.
4.
RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is tOFF
and not tGZ.
5.
Either tRCH or tRRH must be satisfied for read cycles.
Table 2-15 DRAM Out-of-Page and Refresh Timings,
Eleven Wait States1, 2
No.
Characteristics4
Symbol
Expression3
100 MHz
Unit
Min
Max
157 Random read or write cycle time
tRC
12
× TC
120.0
—
ns
158 RAS assertion to data valid (read)
tRAC
6.25
× TC − 7.0
—
55.5
ns
159 CAS assertion to data valid (read)
tCAC
3.75
× TC − 7.0
—
30.5
ns
160 Column address valid to data valid
(read)
tAA
4.5
× TC − 7.0
—
38.0
ns
161 CAS deassertion to data not valid (read
hold time)
tOFF
0.0
—
ns
162 RAS deassertion to RAS assertion
tRP
4.25
× TC − 4.0
38.5
—
ns
163 RAS assertion pulse width
tRAS
7.75
× TC − 4.0
73.5
—
ns
164 CAS assertion to RAS deassertion
tRSH
5.25
× TC − 4.0
48.5
—
ns
165 RAS assertion to CAS deassertion
tCSH
6.25
× TC − 4.0
58.5
—
ns
Table 2-14 DRAM Out-of-Page and Refresh Timings, Eight Wait States1, 2 (Continued)
No.
Characteristics4
Symbol
Expression3
80 MHz
Unit
Min Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com