Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362AD Datasheet(PDF) 23 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 23 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 19Page - Motorola, Inc DSP56362AD Datasheet HTML 20Page - Motorola, Inc DSP56362AD Datasheet HTML 21Page - Motorola, Inc DSP56362AD Datasheet HTML 22Page - Motorola, Inc DSP56362AD Datasheet HTML 23Page - Motorola, Inc DSP56362AD Datasheet HTML 24Page - Motorola, Inc DSP56362AD Datasheet HTML 25Page - Motorola, Inc DSP56362AD Datasheet HTML 26Page - Motorola, Inc DSP56362AD Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 168 page
background image
Signal/Connection Descriptions
Host Interface (HDI08)
MOTOROLA
DSP56362 Advance Information
1-15
HRW
HRD/
HRD
PB11
Input
Input
Input, Output,
or
Disconnected
GPIO
disconnected
Host Read/Write—When HDI08 is programmed
to interface a single-data-strobe host bus and the
HI function is selected, this signal is the Host
Read/Write (HRW) input.
Host Read Data—When HDI08 is programmed
to interface a double-data-strobe host bus and
the HI function is selected, this signal is the host
read data strobe (HRD) Schmitt-trigger input. The
polarity of the data strobe is programmable, but is
configured as active-low (HRD) after reset.
Port B 11—When the HDI08 is configured as
GPIO, this signal is individually programmed as
input, output, or internally disconnected.
The default state after reset for this signal is
GPIO disconnected.
This input is 5 V tolerant.
HDS/
HDS
HWR/
HWR
PB12
Input
Input
Input, output,
or
disconnected
GPIO
disconnected
Host Data Strobe—When HDI08 is programmed
to interface a single-data-strobe host bus and the
HI function is selected, this signal is the host data
strobe (HDS) Schmitt-trigger input. The polarity
of the data strobe is programmable, but is
configured as active-low (HDS) following reset.
Host Write Data—When HDI08 is programmed
to interface a double-data-strobe host bus and
the HI function is selected, this signal is the host
write data strobe (HWR) Schmitt-trigger input.
The polarity of the data strobe is programmable,
but is configured as active-low (HWR) following
reset.
Port B 12—When the HDI08 is configured as
GPIO, this signal is individually programmed as
input, output, or internally disconnected.
The default state after reset for this signal is
GPIO disconnected.
This input is 5 V tolerant.
Table 1-9 Host Interface (Continued)
Signal
Name
Type
State during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com