Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362AD Datasheet(PDF) 43 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 43 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 39Page - Motorola, Inc DSP56362AD Datasheet HTML 40Page - Motorola, Inc DSP56362AD Datasheet HTML 41Page - Motorola, Inc DSP56362AD Datasheet HTML 42Page - Motorola, Inc DSP56362AD Datasheet HTML 43Page - Motorola, Inc DSP56362AD Datasheet HTML 44Page - Motorola, Inc DSP56362AD Datasheet HTML 45Page - Motorola, Inc DSP56362AD Datasheet HTML 46Page - Motorola, Inc DSP56362AD Datasheet HTML 47Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 168 page
background image
Specifications
Internal Clocks
MOTOROLA
DSP56362 Advance Information
2-5
INTERNAL CLOCKS
Table 2-4 Internal Clocks, CLKOUT
Characteristics
Symbol
Expression1, 2
Min
Typ
Max
Internal operation frequency and
CLKOUT with PLL enabled
f—
(Ef
× MF)/
(PDF
× DF)
—
Internal operation frequency and
CLKOUT with PLL disabled
f
—
Ef/2
—
Internal clock and CLKOUT high
period
TH
• With PLL disabled
—
ETC
—
• With PLL enabled and
MF
≤ 4
0.49
× ETC ×
PDF
× DF/MF
—
0.51
× ETC ×
PDF
× DF/MF
• With PLL enabled and
MF > 4
0.47
× ETC ×
PDF
× DF/MF
—
0.53
× ETC ×
PDF
× DF/MF
Internal clock and CLKOUT low
period
TL
• With PLL disabled
—
ETC
—
• With PLL enabled and
MF
≤ 4
0.49
× ETC ×
PDF
× DF/MF
—
0.51
× ETC ×
PDF
× DF/MF
• With PLL enabled and
MF > 4
0.47
× ETC ×
PDF
× DF/MF
—
0.53
× ETC ×
PDF
× DF/MF
Internal clock and CLKOUT cycle
time with PLL enabled
TC
—
ETC × PDF ×
DF/MF
—
Internal clock and CLKOUT cycle
time with PLL disabled
TC
—2
× ETC
—
Instruction cycle time
ICYC
—TC
—
Notes: 1.
DF = Division Factor
Ef = External frequency
ETC = External clock cycle
MF = Multiplication Factor
PDF = Predivision Factor
TC = internal clock cycle
2.
See the PLL and Clock Generation section in the DSP56300 Family Manual for a detailed discussion
of the PLL.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com