Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362AD Datasheet(PDF) 28 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 28 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 24Page - Motorola, Inc DSP56362AD Datasheet HTML 25Page - Motorola, Inc DSP56362AD Datasheet HTML 26Page - Motorola, Inc DSP56362AD Datasheet HTML 27Page - Motorola, Inc DSP56362AD Datasheet HTML 28Page - Motorola, Inc DSP56362AD Datasheet HTML 29Page - Motorola, Inc DSP56362AD Datasheet HTML 30Page - Motorola, Inc DSP56362AD Datasheet HTML 31Page - Motorola, Inc DSP56362AD Datasheet HTML 32Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 168 page
background image
1-20
DSP56362 Advance Information
MOTOROLA
Signal/Connection Descriptions
Serial Host Interface
MOSI
HA0
Input or
output
Input
Tri-stated
SPI Master-Out-Slave-In—When the SPI is
configured as a master, MOSI is the master data
output line. The MOSI signal is used in conjunction
with the MISO signal for transmitting and receiving
serial data. MOSI is the slave data input line when
the SPI is configured as a slave. This signal is a
Schmitt-trigger input when configured for the SPI
Slave mode.
I2C Slave Address 0—This signal uses a Schmitt-
trigger input when configured for the I2C mode.
When configured for I2C slave mode, the HA0
signal is used to form the slave device address.
HA0 is ignored when configured for the I2C master
mode.
This signal is tri-stated during hardware, software,
and individual reset. Thus, there is no need for an
external pull-up in this state.
This input is 5 V tolerant.
SS
HA2
Input
Input
Tri-stated
SPI Slave Select—This signal is an active low
Schmitt-trigger input when configured for the SPI
mode. When configured for the SPI Slave mode,
this signal is used to enable the SPI slave for
transfer. When configured for the SPI master mode,
this signal should be kept deasserted (pulled high).
If it is asserted while configured as SPI master, a
bus error condition is flagged. If SS is deasserted,
the SHI ignores SCK clocks and keeps the MISO
output signal in the high-impedance state.
I2C Slave Address 2—This signal uses a Schmitt-
trigger input when configured for the I2C mode.
When configured for the I2C Slave mode, the HA2
signal is used to form the slave device address.
HA2 is ignored in the I2C master mode.
This signal is tri-stated during hardware, software,
and individual reset. Thus, there is no need for an
external pull-up in this state.
This input is 5 V tolerant.
Table 1-10 Serial Host Interface Signals (Continued)
Signal Name
Signal Type
State
during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com