Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362AD Datasheet(PDF) 33 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 33 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 29Page - Motorola, Inc DSP56362AD Datasheet HTML 30Page - Motorola, Inc DSP56362AD Datasheet HTML 31Page - Motorola, Inc DSP56362AD Datasheet HTML 32Page - Motorola, Inc DSP56362AD Datasheet HTML 33Page - Motorola, Inc DSP56362AD Datasheet HTML 34Page - Motorola, Inc DSP56362AD Datasheet HTML 35Page - Motorola, Inc DSP56362AD Datasheet HTML 36Page - Motorola, Inc DSP56362AD Datasheet HTML 37Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 168 page
background image
Signal/Connection Descriptions
Enhanced Serial Audio Interface
MOTOROLA
DSP56362 Advance Information
1-25
SDO5
SDI0
PC6
Output
Input
Input, output,
or
disconnected
GPIO
disconnected
Serial Data Output 5—When programmed as a
transmitter, SDO5 is used to transmit data from the
TX5 serial transmit shift register.
Serial Data Input 0—When programmed as a
receiver, SDI0 is used to receive serial data into the
RX0 serial receive shift register.
Port C 6—When the ESAI is configured as GPIO,
this signal is individually programmable as input,
output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
SDO4
SDI1
PC7
Output
Input
Input, output,
or
disconnected
GPIO
disconnected
Serial Data Output 4—When programmed as a
transmitter, SDO4 is used to transmit data from the
TX4 serial transmit shift register.
Serial Data Input 1—When programmed as a
receiver, SDI1 is used to receive serial data into the
RX1 serial receive shift register.
Port C 7—When the ESAI is configured as GPIO,
this signal is individually programmable as input,
output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
Table 1-11 Enhanced Serial Audio Interface Signals (Continued)
Signal
Name
Signal Type
State during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com