Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 14Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 15Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 16Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 17Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 18Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 19Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 20Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 21Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
DATA
CONFIGURATION Register
Port Set-Up
Register
0
0
Hi-Z Input
(TRI-STATE Output)
0
1
Input with Weak Pull-Up
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
Port A is an 8-bit I/O port. All A pins have Schmitt triggers on the inputs. The 44-pin package does not
have a full 8-bit port and contains some unbonded, floating pads internally on the chip. The binary value
read from these bits is undetermined. The application software should mask out these unknown bits when
reading the Port A register, or use only bit-access program instructions when accessing Port A. These
unconnected bits draw power only when they are addressed (i.e., in brief spikes). Additionally, if Port A is
being used with some combination of digital inputs and analog inputs, the analog inputs will read as
undetermined values and should be masked out by software.
Port A supports the analog inputs for the A/D converter. Port A has the following alternate pin functions:
A7
Analog Channel 7
A6
Analog Channel 6
A5
Analog Channel 5
A4
Analog Channel 4
A3
Analog Channel 3
A2
Analog Channel 2
A1
Analog Channel 1
A0
Analog Channel 0
Port B is an 8-bit I/O port. All B pins have Schmitt triggers on the inputs. If Port B is being used with some
combination of digital inputs and analog inputs, the analog inputs will read as undetermined values. The
application software should mask out these unknown bits when reading the Port B register, or use only bit-
access program instructions when accessing Port B.
Port B supports the analog inputs for the A/D converter. Port B has the following alternate pin functions:
B7
Analog Channel 15 or A/D Input
B6
Analog Channel 14 or Analog Multiplexor Output
B5
Analog Channel 13 or Analog Multiplexor Output
B4
Analog Channel 12
B3
Analog Channel 11
B2
Analog Channel 10
B1
Analog Channel 9
B0
Analog Channel 8
Port C is an 8-bit I/O port. The 44-pin device does not offer Port C. The unavailable pins are not
terminated. A read operation on these unterminated pins will return unpredictable values. On this device,
the associated Port C Data and Configuration registers should not be used. All C pins have Schmitt
triggers on the inputs. Port C draws no power when unbonded.
18
Pin Descriptions
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com