Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 19Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 20Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 21Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 22Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 23Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 24Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 25Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 26Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
The data memory consists of 1024 bytes of RAM. Sixteen bytes of RAM are mapped as “registers” at
addresses 0F0 to 0FF Hex. These registers can be loaded immediately, and also decremented and tested
with the DRSZ (decrement register and skip if zero) instruction. The memory pointer registers X, SP, B
and S are memory mapped into this space at address locations 0FC to 0FF Hex respectively, with the
other registers being available for general usage.
The instruction set permits any bit in memory to be set, reset or tested. All I/O and registers (except A and
PC) are memory mapped; therefore, I/O bits and register bits can be directly and individually set, reset
and tested. The accumulator (A) bits can also be directly and individually tested.
Note: RAM contents are undefined upon power-up.
5.4
DATA MEMORY SEGMENT RAM EXTENSION
Data memory address 0FF is used as a memory mapped location for the Data Segment Address Register
(S).
The data store memory is either addressed directly by a single byte address within the instruction, or
indirectly relative to the reference of the B, X, or SP pointers (each contains a single-byte address). This
single-byte address allows an addressing range of 256 locations from 00 to FF hex. The upper bit of this
single-byte address divides the data store memory into two separate sections as outlined previously. With
the exception of the RAM register memory from address locations 00F0 to 00FF, all RAM memory is
memory mapped with the upper bit of the single-byte address being equal to zero. This allows the upper
bit of the single-byte address to determine whether or not the base address range (from 0000 to 00FF) is
extended. If this upper bit equals one (representing address range 0080 to 00FF), then address extension
does not take place. Alternatively, if this upper bit equals zero, then the data segment extension register S
is used to extend the base address range (from 0000 to 007F) from XX00 to XX7F, where XX represents
the 8 bits from the S register. Thus the 128-byte data segment extensions are located from addresses
0100 to 017F for data segment 1, 0200 to 027F for data segment 2, etc., up to FF00 to FF7F for data
segment 255. The base address range from 0000 to 007F represents data segment 0.
Figure 5-1 illustrates how the S register data memory extension is used in extending the lower half of the
base address range (00 to 7F hex) into 256 data segments of 128 bytes each, with a total addressing
range of 32 kbytes from XX00 to XX7F. This organization allows a total of 256 data segments of 128 bytes
each with an additional upper base segment of 128 bytes. Furthermore, all addressing modes are
available for all data segments. The S register must be changed under program control to move from one
data segment (128 bytes) to another. However, the upper base segment (containing the 16 memory
registers, I/O registers, control registers, etc.) is always available regardless of the contents of the S
register, since the upper base segment (address range 0080 to 00FF) is independent of data segment
extension.
The instructions that utilize the stack pointer (SP) always reference the stack as part of the base segment
(Segment 0), regardless of the contents of the S register. The S register is not changed by these
instructions. Consequently, the stack (used with subroutine linkage and interrupts) is always located in the
base segment. The stack pointer will be initialized to point at data memory location 006F as a result of
reset.
The 128 bytes of RAM contained in the base segment are split between the lower and upper base
segments. The first 112 bytes of RAM are resident from address 0000 to 006F in the lower base segment,
while the remaining 16 bytes of RAM represent the 16 data memory registers located at addresses 00F0
to 00FF of the upper base segment. No RAM is located at the upper sixteen addresses (0070 to 007F) of
the lower base segment.
Additional RAM beyond these initial 128 bytes, however, will always be memory mapped in groups of 128
bytes (or less) at the data segment address extensions (XX00 to XX7F) of the lower base segment. The
additional 892 bytes of RAM in this device are memory mapped at address locations 0100 to 017F
through 0700 to 077F hex.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
23
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com