Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 93 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 93 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 89Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 90Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 91Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 92Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 93Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 94Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 95Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 96Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
A change in program flow requires a non-incremental change in the Program Counter contents. The
Program Counter consists of two bytes, designated the upper byte (PCU) and lower byte (PCL). The most
significant bit of PCU is not used, leaving 15 bits to address the program memory.
Different addressing modes are used to specify the new address for the Program Counter. The choice of
addressing mode depends primarily on the distance of the jump. Farther jumps sometimes require more
instruction bytes in order to completely specify the new Program Counter contents.
The available transfer-of-control addressing modes are:
•
Jump Relative
•
Jump Absolute
•
Jump Absolute Long
•
Jump Indirect
The transfer-of-control addressing modes are described below. Each description includes an example of a
Jump instruction using a particular addressing mode, and the effect on the Program Counter bytes of
executing that instruction.
Jump Relative. In this 1-byte instruction, six bits of the instruction opcode specify the distance of the jump
from the current program memory location. The distance of the jump can range from
−31 to +32. A JP+1
instruction is not allowed. The programmer should use a NOP instead.
Example:
Jump Relative
JP 0A
Contents
Contents
Reg
Before
After
PCU
02 Hex
02 Hex
PCL
05 Hex
0F Hex
Jump Absolute. In this 2-byte instruction, 12 bits of the instruction opcode specify the new contents of the
Program Counter. The upper three bits of the Program Counter remain unchanged, restricting the new
Program Counter address to the same 4-kbyte address space as the current instruction. (This restriction is
relevant only in devices using more than one 4-kbyte program memory space.)
Example:
Jump Absolute
JMP 0125
Contents
Contents
Reg
Before
After
PCU
0C Hex
01 Hex
PCL
77 Hex
25 Hex
Jump Absolute Long. In this 3-byte instruction, 15 bits of the instruction opcode specify the new contents
of the Program Counter.
Example:
Jump Absolute Long
JMP 03625
Reg/
Contents
Contents
Memory
Before
After
PCU
42 Hex
36 Hex
PCL
36 Hex
25 Hex
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
93
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com