Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 59 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 59 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 55Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 56Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 57Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 58Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 59Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 60Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 61Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 62Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
Other functions of the ENUR register include saving the ninth bit received in the data frame, enabling or
disabling the USART's attention mode of operation and providing additional receiver/transmitter status
information via RCVG and XMTG bits. The determination of an internal or external clock source is done by
the ENUI register, as well as selecting the number of stop bits and enabling or disabling transmit and
receive interrupts. A control flag in this register can also select the USART mode of operation:
asynchronous or synchronous.
Figure 5-16. USART Block Diagram
5.13.1 USART CONTROL AND STATUS REGISTERS
The operation of the USART is programmed through three registers: ENU, ENUR and ENUI.
5.13.2 DESCRIPTION OF USART REGISTER BITS
ENU—USART CONTROL AND STATUS REGISTER (Address at 0BA)
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
59
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com