Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 23Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 24Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 25Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 26Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 27Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 28Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 29Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 30Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
SP (Stack Pointer):
Initialized to RAM address 06F Hex
B and X Pointers:
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
S Register: CLEARED
RAM:
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
USART:
PSR, ENU, ENUR, ENUI: Cleared except the TBMT bit
which is set to one.
ANALOG TO DIGITAL CONVERTER:
ENAD: CLEARED
ADRSTH: RANDOM
ADRSTL: RANDOM
ISP CONTROL:
ISPADLO: CLEARED
ISPADHI: CLEARED
PGMTIM: PRESET TO VALUE FOR 10 MHz CKI
WATCHDOG (if enabled):
The device comes out of reset with both the WATCHDOG logic and the Clock Monitor
detector armed, with the WATCHDOG service window bits set and the Clock Monitor bit set.
The WATCHDOG and Clock Monitor circuits are inhibited during reset. The WATCHDOG
service window bits being initialized high default to the maximum WATCHDOG service
window of 64k T0 clock cycles. The Clock Monitor bit being initialized high will cause a Clock
Monitor error following reset if the clock has not reached the minimum specified frequency at
the termination of reset. A Clock Monitor error will cause an active low error output on pin
G1. This error output will continue until 16–32 T0 clock cycles following the clock frequency
reaching the minimum specified value, at which time the G1 output will go high.
5.7.1
External Reset
The RESET input when pulled low initializes the device. The RESET pin must be held low for a minimum
of one instruction cycle to ensure a valid reset. During Power-Up initialization, the user must ensure that
the RESET pin of a device without the Brownout Reset feature is held low until the device is within the
specified VCC voltage. Any rising edge on the RESET pin while VCC is below the specified operating range
may cause unpredictable results. An R/C circuit on the RESET pin with a delay 5 times (5x) greater than
the power supply rise time is recommended. Reset should also be wide enough to ensure crystal start-up
upon Power-Up.
RESET may also be used to cause an exit from the HALT mode.
A recommended reset circuit for this device is shown in Figure 5-3.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
27
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com