Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 45 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 45 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 41Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 42Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 43Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 44Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 45Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 46Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 47Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 48Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
The underflows can be programmed to toggle the TxA output pin. The underflows can also be
programmed to generate interrupts.
Underflows from the timer are alternately latched into two pending flags, TxPNDA and TxPNDB. The user
must reset these pending flags under software control. Two control enable flags, TxENA and TxENB,
allow the interrupts from the timer underflow to be enabled or disabled. Setting the timer enable flag
TxENA will cause an interrupt when a timer underflow causes the RxA register to be reloaded into the
timer. Setting the timer enable flag TxENB will cause an interrupt when a timer underflow causes the RxB
register to be reloaded into the timer. Resetting the timer enable flags will disable the associated
interrupts.
Either or both of the timer underflow interrupts may be enabled. This gives the user the flexibility of
interrupting once per PWM period on either the rising or falling edge of the PWM output. Alternatively, the
user may choose to interrupt on both edges of the PWM output.
Figure 5-10. Timer in PWM Mode
5.11.2.3 Mode 2. External Event Counter Mode
This mode is quite similar to the processor independent PWM mode described above. The main difference
is that the timer, Tx, is clocked by the input signal from the TxA pin after synchronization to the
appropriate internal clock (tC or MCLK). The Tx timer control bits, TxC3, TxC2 and TxC1 allow the timer to
be clocked either on a positive or negative edge from the TxA pin. Underflows from the timer are latched
into the TxPNDA pending flag. Setting the TxENA control flag will cause an interrupt when the timer
underflows.
In this mode the input pin TxB can be used as an independent positive edge sensitive interrupt input if the
TxENB control flag is set. The occurrence of a positive edge on the TxB input pin is latched into the
TxPNDB flag.
Figure 5-11 shows a block diagram of the timer in External Event Counter mode.
NOTE
The PWM output is not available in this mode since the TxA pin is being used as the counter
input clock.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
45
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com