Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 7Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 8Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 9Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 10Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 11Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 12Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 13Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 14Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
3
Electrical Specifications
3.1
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
7V
Voltage at Any Pin
−0.3V to VCC +0.3V
Total Current into VCC Pin (Source)
200 mA
Total Current out of GND Pin (Sink)
200 mA
Storage Temperature Range
−65°C to +140°C
ESD Protection Level
2 kV (Human Body Model)
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications are not
ensured when operating the device at absolute maximum ratings.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
3.2
Electrical Characteristics DC Electrical Characteristics (
−40°C ≤ T
A ≤ +85°C)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
2.7
5.5
V
Power Supply Rise Time
10
50 x 106
ns
Power Supply Ripple(1)
Peak-to-Peak
0.1 VCC
V
Supply Current(2)
High Speed Mode
CKI = 10 MHz
VCC = 5.5V, tC = 0.5 μs
13.2
mA
CKI = 3.33 MHz
VCC = 4.5V, tC = 1.5 μs
6
mA
Dual Clock Mode
CKI = 10 MHz, Low Speed OSC = 32 kHz
VCC = 5.5V, tC = 0.5 μs
13.2
mA
CKI = 3.33 MHz, Low Speed OSC = 32 kHz
VCC = 4.5V, tC = 1.5 μs
6
mA
Low Speed Mode
Low Speed OSC = 32 kHz
VCC = 5.5V
60
103
μA
HALT Current with BOR Disabled(3)
High Speed Mode
VCC = 5.5V, CKI = 0 MHz
<2
10
μA
Dual Clock Mode
VCC = 5.5V, CKI = 0 MHz, Low
<5
17
μA
Speed OSC = 32 kHz
Low Speed Mode
VCC = 5.5V, CKI = 0 MHz, Low
<5
17
μA
Speed OSC = 32 kHz
Idle Current(2)
High Speed Mode
CKI = 10 MHz
VCC = 5.5V, tC = 0.5 μs
2.5
mA
CKI = 3.33 MHz
VCC = 4.5V, tC = 1.5 μs
1.2
mA
Dual Clock Mode
CKI = 10 MHz, Low Speed OSC = 32 kHz
VCC = 5.5V, tC = 0.5 μs
2.5
mA
CKI = 3.33 MHz, Low Speed OSC = 32 kHz
VCC = 4.5V, tC = 1.5 μs
1.2
mA
Low Speed Mode
Low Speed OSC = 32 kHz
VCC = 5.5V
15
30
μA
(1)
Maximum rate of voltage change must be < 0.5 V/ms.
(2)
Supply and IDLE currents are measured with CKI driven with a square wave Oscillator, CKO driven 180° out of phase with CKI, inputs
connected to VCC and outputs driven low but not connected to a load.
(3)
The HALT mode will stop CKI from oscillating. Measurement of IDD HALT is done with device neither sourcing nor sinking current; with
L. A. B, C, E, F, G0, and G2–G5 programmed as low outputs and not driving a load; all D outputs programmed low and not driving a
load; all inputs tied to VCC; A/D converter and clock monitor and BOR disabled. Parameter refers to HALT mode entered via setting bit 7
of the G Port data register.
Copyright © 2000–2013, Texas Instruments Incorporated
Electrical Specifications
11
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com