Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 84 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 84 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 80Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 81Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 82Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 83Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 84Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 85Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 86Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 87Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
5.16.4 DETECTION OF ILLEGAL CONDITIONS
The device can detect various illegal conditions resulting from coding errors, transient noise, power supply
voltage drops, runaway programs, etc.
Reading of unprogrammed ROM gets zeros. The opcode for software interrupt is 00. If the program
fetches instructions from unprogrammed ROM, this will force a software interrupt, thus signaling that an
illegal condition has occurred.
The subroutine stack grows down for each call (jump to subroutine), interrupt, or PUSH, and grows up for
each return or POP. The stack pointer is initialized to RAM location 06F Hex during reset. Consequently, if
there are more returns than calls, the stack pointer will point to addresses 070 and 071 Hex (which are
undefined RAM). Undefined RAM from addresses 070 to 07F (Segment 0), and all other segments (i.e.,
Segments 4... etc.) is read as all 1's, which in turn will cause the program to return to address 7FFF Hex.
The Option Register is located at this location and, when accessed by an instruction fetch, will respond
with an INTR instruction (all 0's) to generate a software interrupt, signalling an illegal condition on overpop
of the stack.
Thus, the chip can detect the following illegal conditions:
1. Executing from undefined Program Memory
2. Over “POP”ing the stack by having more returns than calls.
When the software interrupt occurs, the user can re-initialize the stack pointer and do a recovery
procedure before restarting (this recovery program is probably similar to that following reset, but might not
contain the same program initialization procedures). The recovery program should reset the software
interrupt pending bit using the RPND instruction.
5.17 MICROWIRE/PLUS
MICROWIRE/PLUS
is
a
serial
SPI
compatible
synchronous
communications
interface.
The
MICROWIRE/PLUS capability enables the device to interface with MICROWIRE/PLUS or SPI peripherals
(i.e. A/D converters, display drivers, EEPROMs etc.) and with other microcontrollers which support the
MICROWIRE/PLUS or SPI interface. It consists of an 8-bit serial shift register (SIO) with serial data input
(SI), serial data output (SO) and serial shift clock (SK). Figure 5-26 shows a block diagram of the
MICROWIRE/PLUS logic.
The shift clock can be selected from either an internal source or an external source. Operating the
MICROWIRE/PLUS arrangement with the internal clock source is called the Master mode of operation.
Similarly, operating the MICROWIRE/PLUS arrangement with an external shift clock is called the Slave
mode of operation.
The CNTRL register is used to configure and control the MICROWIRE/PLUS mode. To use the
MICROWIRE/PLUS, the MSEL bit in the CNTRL register is set to one. In the master mode, the SK clock
rate is selected by the two bits, SL0 and SL1, in the CNTRL register. Table 5-29 details the different clock
rates that may be selected.
Table 5-29. MICROWIRE/PLUS
Master Mode Clock Select
SL1
SL0
SK Period(1)
0
0
2 × tC
0
1
4 × tC
1
x
8 × tC
(1)
Where tC is the instruction cycle clock
84
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com