Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 30Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 31Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 32Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 33Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 34Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 35Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 36Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 37Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
The ENAD register contains the following bits:
ADCH3
ADC channel select bit
ADCH2
ADC channel select bit
ADCH1
ADC channel select bit
ADCH0
ADC channel select bit
ADMOD
Places the ADC in single-ended or differential mode.
MUX
Enables the ADC multiplexor output.
PSC
Switches the ADC clock between a divide by one or a divide by sixteen of MCLK.
ADBSY
Signifies that the ADC is currently busy performing a conversion. When set by the user,
starts a conversion.
5.10 In-System Programming
5.10.1 INTRODUCTION
This device provides the capability to program the program memory while installed in an application board.
This feature is called In System Programming (ISP). It provides a means of ISP by using the
MICROWIRE/PLUS, or the user can provide his own, customized ISP routine. The factory installed ISP
uses the MICROWIRE/PLUS port. The user can provide his own ISP routine that uses any of the
capabilities of the device, such as USART, parallel port, etc.
5.10.2 FUNCTIONAL DESCRIPTION
The organization of the ISP feature consists of the user flash program memory, the factory boot ROM, and
some registers dedicated to performing the ISP function. See Figure 5-7 for a simplified block diagram.
The factory installed ISP that uses MICROWIRE/PLUS is located in the Boot ROM. The size of the Boot
ROM is 1K bytes and also contains code to facilitate in system emulation capability. If a user chooses to
write his own ISP routine, it must be located in the flash program memory.
Figure 5-7. Block Diagram of ISP
34
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com