Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 26Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 27Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 28Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 29Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 30Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 31Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 32Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 33Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
5.8.1
Oscillator
CKI is the clock input while G7/CKO is the clock generator output to the crystal. An on-chip bias resistor
connected between CKI and CKO is provided to reduce system part count. The value of the resistor is in
the range of 0.5M to 2M (typically 1.0M). Table 5-1 shows the component values required for various
standard crystal values. Resistor R2 is on-chip, for the high speed oscillator, and is shown for reference.
Figure 5-6 and Figure 5-6 shows the crystal oscillator connection diagrams. A ceramic resonator of the
required frequency may be used in place of a crystal if the accuracy requirements are not quite as strict.
High Speed Oscillator
Low Speed Oscillator
Figure 5-6. Crystal Oscillator
Table 5-1. Crystal Oscillator Configuration, TA = 25°C, VCC = 5V
(1)
CKI Freq.
R1 (k
Ω)
R2 (M
Ω)
C1 (pF)
C2 (pF)
(MHz)
0
On Chip
18
18
10
0
On Chip
18
18
5
0
On Chip
18–36
18–36
1
5.6
On Chip
100
100–156
0.455
0
20
**
**
32.768 kHz*
(1)
*Applies to connection to low speed oscillator on port pins L0 and L1 only.
**See Note below.
The crystal and other oscillator components should be placed in close proximity to the CKI and CKO pins
to minimize printed circuit trace length.
The values for the external capacitors should be chosen to obtain the manufacturer's specified load
capacitance for the crystal when combined with the parasitic capacitance of the trace, socket, and
package (which can vary from 0 to 8 pF). The guideline in choosing these capacitors is:
Manufacturer's specified load cap = (C1 * C2) / (C1 + C2) + Cparasitic
C2 can be trimmed to obtain the desired frequency. C2 should be less than or equal to C1.
NOTE
The low power design of the low speed oscillator makes it extremely sensitive to board
layout and load capacitance. The user should place the crystal and load capacitors within
1cm. of the device and must ensure that the above equation for load capacitance is strictly
followed. If these conditions are not met, the application may have problems with startup of
the low speed oscillator.
30
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com