Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 15Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 16Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 17Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 18Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 19Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 20Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 21Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 22Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
Port E is an 8-bit I/O Port. The 44-pin device does not offer Port E. The unavailable pins are not
terminated. A read operation on these unterminated pins will return unpredictable values. On this device,
the associated Port E Data and Configuration registers should not be used. All E pins have Schmitt
triggers on the inputs. Port E draws no power when unbonded.
Port F is a 4-bit I/O Port. All F pins have Schmitt triggers on the inputs.
The 68-pin package has fewer than eight Port F pins, and contains unbonded, floating pads internally on
the chip. The binary values read from these bits are undetermined. The application software should mask
out these unknown bits when reading the Port F register, or use only bit-access program instructions when
accessing Port F. The unconnected bits draw power only when they are addressed (i.e., in brief spikes).
Port G is an 8-bit port. Pin G0, G2–G5 are bi-directional I/O ports. Pin G6 is always a general purpose Hi-
Z input. All pins have Schmitt Triggers on their inputs. Pin G1 serves as the dedicated WATCHDOG
output with weak pull-up if the WATCHDOG feature is selected by the Option register. The pin is a
general purpose I/O if WATCHDOG feature is not selected. If WATCHDOG feature is selected, bit 1 of
the Port G configuration and data register does not have any effect on Pin G1 setup. G7 serves as the
dedicated output pin for the CKO clock output.
Since G6 is an input only pin and G7 is the dedicated CKO clock output pin, the associated bits in the
data and configuration registers for G6 and G7 are used for special purpose functions as outlined below.
Reading the G6 and G7 data bits will return zeros.
The device will be placed in the HALT mode by writing a “1” to bit 7 of the Port G Data Register. Similarly
the device will be placed in the IDLE mode by writing a “1” to bit 6 of the Port G Data Register.
Writing a “1” to bit 6 of the Port G Configuration Register enables the MICROWIRE/PLUS to operate with
the alternate phase of the SK clock. The G7 configuration bit, if set high, enables the clock start up delay
after HALT when the R/C clock configuration is used.
Config. Reg.
Data Reg.
G7
CLKDLY
HALT
G6
Alternate SK
IDLE
Port G has the following alternate features:
G7
CKO Oscillator dedicated output
G6
SI (MICROWIRE/PLUS Serial Data Input)
G5
SK (MICROWIRE/PLUS Serial Clock)
G4
SO (MICROWIRE/PLUS Serial Data Output)
G3
T1A (Timer T1 I/O)
G2
T1B (Timer T1 Capture Input)
G1
WDOUT WATCHDOG and/or Clock Monitor if WATCHDOG enabled, otherwise it is a
general purpose I/O
G0
INTR (External Interrupt Input)
G0 through G3 are also used for In-System Emulation.
Port L is an 8-bit I/O port. All L-pins have Schmitt triggers on the inputs.
Port L supports the Multi-Input Wake-up feature on all eight pins. Port L has the following alternate pin
functions:
L7
Multi-Input Wake-up or T3B (Timer T3B Input)
L6
Multi-Input Wake-up or T3A (Timer T3A Input/Output)
L5
Multi-Input Wake-up or T2B (Timer T2B Input)
Copyright © 2000–2013, Texas Instruments Incorporated
Pin Descriptions
19
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com