Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 21Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 22Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 23Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 24Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 25Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 26Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 27Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 28Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
Bit 2
= 1
WATCHDOG feature disabled. G1 is a general purpose I/O.
= 0
WATCHDOG feature enabled. G1 pin is WATCHDOG output with weak pullup.
Bit 1
= 1
HALT mode disabled.
= 0
HALT mode enabled.
Bit 0
= 1
Execution following RESET will be from Flash Memory.
= 0
Flash Memory is erased. Execution following RESET will be from Boot ROM with the
MICROWIRE/PLUS ISP routines.
The COP8 assembler defines a special ROM section type, CONF, into which the Option Register data
may be coded. The Option Register is programmed automatically by programmers that are certified by TI.
The user needs to ensure that the FLEX bit will be set when the device is programmed.
The following examples illustrate the declaration of the Option Register.
Syntax:
[label:].sect
config, conf
.db
value
;1 byte,
;configures
;options
.endsect
Example: The following sets a value in the Option Register and User Identification for a COP8CBR9HVA7.
The Option Register bit values shown select options: Security disabled, WATCHDOG enabled HALT
mode enabled and execution will commence from Flash Memory.
.chip
8CBR
.sect
option, conf
.db
0x01
;wd, halt, flex
.endsect
...
.end
start
Note: All programmers certified for programming this family of parts will support programming of the
Option Register. Please contact TI or your device programmer supplier for more information.
5.6
SECURITY
The device has a security feature which, when enabled, prevents external reading of the Flash program
memory. The security bit in the Option Register determines, whether security is enabled or disabled. If the
security feature is disabled, the contents of the internal Flash Memory may be read by external
programmers or by the built in MICROWIRE/PLUS serial interface ISP. Security must be enforced by
the user when the contents of the Flash Memory are accessed via the user ISP or Virtual EEPROM
capability.
If the security feature is enabled, then any attempt to externally read the contents of the Flash Memory will
result in the value FF (hex) being read from all program locations (except the Option Register). In addition,
with the security feature enabled, the write operation to the Flash program memory and Option Register is
inhibited. Page Erases are also inhibited when the security feature is enabled. The Option Register is
readable regardless of the state of the security bit by accessing location FFFF (hex). Mass Erase
Operations are possible regardless of the state of the security bit.
The security bit can be erased only by a Mass Erase of the entire contents of the Flash unless Flash
operation is under the control of User ISP functions.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
25
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com