Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 100 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 100 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 96Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 97Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 98Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 99Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 100Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 101Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 102Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 103Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Table 5-33. OPCODE(1)
Upper Nibble
F
E
D
C
B
A
9
8
7
6
5
4
3
2
1
0
JP
−1 JP−3
LD
DRSZ
RRCA
RC
ADC
ADC
IFBI
ANDS
LD
IFBNE
JSR
JMP
JP+1 INTR
0
5
1
0F0,#i
0F0
A,#i
A,[B]
T
Z A,#i
B,#0F
0
x000–x0
x000–x0
7
0,[B]
FF
FF
JP
−1 JP−3
LD
DRSZ
*
SC
SUBC
SUB
IFBI
JSRB
LD
IFBNE
JSR
JMP
JP+1 JP+2
1
4
0
0F1,#i
0F1
A,#i
C
T
B,#0E
1
x100–x1
x100–x1
8
A,[B]
1,[B]
FF
FF
JP
−1 JP−2
LD
DRSZ
X
X
IFEQ
IFEQ
IFBI
Re-
LD
IFBNE
JSR
JMP
JP+1 JP+3
2
3
9
0F2,#i
0F2
A,[X+]
A,[B
A,#i
A,[B]
T
served B,#0D
2
x200–x2
x200–x2
9
+]
2,[B]
FF
FF
JP
−1 JP−2
LD
DRSZ
X
X
IFGT
IFGT
IFBI
Re-
LD
IFBNE
JSR
JMP
JP+2 JP+4
3
2
8
0F3,#i
0F3
A,[X
−]
A,[B
A,#i
A,[B]
T
served B,#0C
3
x300–x3
x300–x3
0
−]
3,[B]
FF
FF
JP
−1 JP−2
LD
DRSZ
VIS
LAID
ADD
ADD
IFBI
CLRA
LD
IFBNE
JSR
JMP
JP+2 JP+5
4
1
7
0F4,#i
0F4
A,#i
A,[B]
T
B,#0B
4
x400–x4
x400–x4
1
4,[B]
FF
FF
JP
−1 JP−2
LD
DRSZ
RPND
JID
AND
AND
IFBI
SWAP
LD
IFBNE
JSR
JMP
JP+2 JP+6
5
0
6
0F5,#i
0F5
A,#i
A,[B]
T
A
B,#0A
5
x500–x5
x500–x5
2
5,[B]
FF
FF
JP
−9 JP−2
LD
DRSZ
X
X
XOR
XOR
IFBI
DCOR
LD
IFBNE
JSR
JMP
JP+2 JP+7
6
5
0F6,#i
0F6
A,[X]
A,[B]
A,#i
A,[B]
T
A
B,#09
6
x600–x6
x600–x6
3
6,[B]
FF
FF
Lo
JP
−8 JP−2
LD
DRSZ
*
*
OR
OR
IFBI
PUSH
LD
IFBNE
JSR
JMP
JP+2 JP+8
7
w
4
0F7,#i
0F7
A,#i
A,[B]
T
A
B,#08
7
x700–x7
x700–x7
4
er
7,[B]
FF
FF
Ni
JP
−7 JP−2
LD
DRSZ
NOP
RLC
LD
IFC
SBIT
RBIT
LD
IFBNE
JSR
JMP
JP+2 JP+9
8
bb
3
0F8,#i
0F8
A
A,#i
0,[B]
0,[B]
B,#07
8
x800–x8
x800–x8
5
le
FF
FF
JP
−6 JP−2
LD
DRSZ
IFNE
IFEQ
IFNE
IFNC SBIT
RBIT
LD
IFBNE
JSR
JMP
JP+2 JP+1
9
2
0F9,#i
0F9
A,[B]
Md,#
A,#i
1,[B]
1,[B]
B,#06
9
x900–x9
x900–x9
6
0
i
FF
FF
JP
−5 JP−2
LD
DRSZ
LD
LD
LD
INCA SBIT
RBIT
LD
IFBNE
JSR
JMP
JP+2 JP+1
A
1
0FA,#i
0FA
A,[X+]
A,[B
[B+],#i
2,[B]
2,[B]
B,#05
0A
xA00–xA
xA00–xA
7
1
+]
FF
FF
JP
−4 JP−2
LD
DRSZ
LD
LD
LD
DEC
SBIT
RBIT
LD
IFBNE
JSR
JMP
JP+2 JP+1
B
0
0FB,#i
0FB
A,[X
−]
A,[B
[B
−],#i
A
3,[B]
3,[B]
B,#04
0B
xB00–xB
xB00–xB
8
2
−]
FF
FF
JP
−3 JP−1
LD
DRSZ
LD
JMP
X
POP
SBIT
RBIT
LD
IFBNE
JSR
JMP
JP+2 JP+1
C
9
0FC,#i
0FC
Md,#i
L
A,Md
A
4,[B]
4,[B]
B,#03
0C
xC00–xC
xC00–xC
9
3
FF
FF
JP
−2 JP−1
LD
DRSZ
DIR
JSR
LD
RET
SBIT
RBIT
LD
IFBNE
JSR
JMP
JP+3 JP+1
D
8
0FD,#i
0FD
L
A,Md
SK
5,[B]
5,[B]
B,#02
0D
xD00–xD
xD00–xD
0
4
FF
FF
JP
−1 JP−1
LD
DRSZ
LD
LD
LD
RET
SBIT
RBIT
LD
IFBNE
JSR
JMP
JP+3 JP+1
E
7
0FE,#i
0FE
A,[X]
A,[B]
[B],#i
6,[B]
6,[B]
B,#01
0E
xE00–xE
xE00–xE
1
5
FF
FF
JP
−0 JP−1
LD
DRSZ
*
*
LD
RETI SBIT
RBIT
LD
IFBNE
JSR
JMP
JP+3 JP+1
F
6
0FF,#i
0FF
B,#i
7,[B]
7,[B]
B,#00
0F
xF00–xF
xF00–xF
2
6
FF
FF
(1)
* is an unused opcodei is the immediate data Md is a directly addressed memory location. The opcode 60 Hex is also the opcode for
IFBIT #i,A
5.20 Development Support
5.20.1 TOOLS ORDERING NUMBERS FOR THE COP8 FLASH FAMILY DEVICES
This section provides specific tools ordering information for the devices in this datasheet, followed by a
summary of the tools and development kits available at print time. Up-to-date information, device selection
guides, demos, updates, and purchase information can be obtained at our web site at: www.ti.com.
100
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com