Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 374 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 374 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 370Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 371Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 372Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 373Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 374Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 375Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 376Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 377Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 378Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
DC Electrical Characteristics: Temperature: –40°C
≤ TA ≤ 85°C) (continued)
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Iccq
Digital Supply Current Halt Mode(5)(6)
VCC = 1.98 V, IOVCC = 3.6 V, 20°C
400
µA
(6)
Halt current approximately doubles for every 20°C.
36.3 USB Transceiver Electrical Characteristics
Temperature: –40°C
≤ TA ≤ 85°C)
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VIL
USB Input Low Voltage
0.8
V
VIH
USB Input High Voltage (driven)
2
V
VIHZ
USB Input High Voltage (floating)(1)
2.7
3.6
V
VDI
Differential Input Sensitivity(1)
(D+) – (D–)
–0.2
0.2
V
VCM
Differential Common Mode Range(1)
0.8
2.5
V
VSE
Single-Ended Receiver Threshold(1)
0.8
2
V
VOL
Output Low Voltage
RL = 1.5 kΩ to 3.6 V
0
0.3
V
VOH
Output High Voltage
RL = 15 kΩ to 0 V
2.8
V
VOSE0
SE0 Voltage(1)
0.8
V
VOSE1
SE1 Voltage(1)
0.8
V
VCRS
Crossover Voltage(1)
1.3
2
V
IOZ
TRI-STATE Data Line Leakage Current(1)
0 V < VIN < 3.3 V
–10
10
µA
CTRN
Transceiver Capacitance(1)
20
pF
RPUI
Bus Pullup on Upstream Port (idle bus)(1)
0.9
1.575
k
Ω
RPUA
Bus Pullup on Upstream Port (port receiving)(1)
1.425
3.09
k
Ω
RPD
Bus Pulldown on Downstream Port(1)
14.25
24.8
k
Ω
ZINP
Input Impedance Exclusive of Pullup/Pulldown(1)
300
k
Ω
VTERM
Termination Voltage(1)
3
3.6
V
(1)
Specified by design.
374
Electrical Specifications
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com