Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 377 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 377 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 373Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 374Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 375Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 376Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 377Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 378Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 379Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 380Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 381Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
36.7 Clock and Reset Timing
Table 36-2. Clock and Reset Signals
DESCRIPTION(1)
REFERENCE
MIN
MAX
UNIT
CLOCK INPUT SIGNALS
tX1p
CLKIN period
Rising Edge (RE) to next RE, See Figure 36-1
83.33
83.33
ns
tX1h
CLKIN high time, external clock
At 2 V level (both edges), See Figure 36-1
(0.5 Tclk) – 5
ns
tX1l
CLKIN low time, external clock
At 0.8 V level (both edges), See Figure 36-1
(0.5 Tclk) – 5
ns
tX2p
X2 period (2)
RE on X2 to next RE on X2, See Figure 36-1
10,000
ns
tX2h
X2 high time, external clock
At 2V level (both edges), See Figure 36-1
(0.5 Tclk) – 500
ns
tX2l
X2 low time, external clock
At 0.8V level (both edges), See Figure 36-1
(0.5 Tclk) – 500
ns
CLOCK OUTPUT SIGNALS
tCLKp
HCLK Clock period (3)
Rising Edge (RE) to next RE, See Figure 36-1
42,667
16.6
ns
tCLKh
HCLK Clock high time
At 2 V level (both edges), See Figure 36-1
21,333
20.83
ns
tCLKl
HCLK Clock low time
At 0.8 V level (both edges), See Figure 36-1
21,333
20.83
ns
tCLKr
HCLK Clock rise time on RE of CLKIN
At 2 V level (both edges), See Figure 36-1
5
ns
tCLKf
HCLK Clock fall time on FE of CLKIN
At 0.8 V level (both edges), See Figure 36-1
5
ns
RESET AND NMI INPUT SIGNALS
tIW
NMI Pulse Width, See (1)
NMI Falling Edge (FE) to RE
20
tRST
RESET Pulse Width
RESET FE to RE, See Figure 36-3
100
VTRIP
POR Rising Trigger Voltage
See Figure 36-4
1.11
1.54
V
tTRIP
VCC Rise Time to VTRIP
See Figure 36-4
50
ms
tD
VCC Rise Time from VTRIP to VCC
See Figure 36-4
800
µs
(1)
Specified by design.
(2)
Only when operating with an external square wave on X2CKI; otherwise a 32 kHz crystal network must be used between X2CKI and
X2CKO. If Slow Clock is internally generated from Main Clock, it may not exceed this limit.
(3)
Tclk is the actual clock period of the CPU clock used in the system.
The value of Tclk is system dependent.
The maximum cycle time in Power Save mode is 42,667 ns (= 1/12 MHz × 2 × 256).
The maximum cycle time in Active mode is 1333 ns (= 1/12 MHz × 16).
The minimum cycle time in Active mode is 16.6 ns (= 1/60 MHz).
Copyright © 2013, Texas Instruments Incorporated
Electrical Specifications
377
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com