Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 379 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 379 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 375Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 376Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 377Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 378Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 379Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 380Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 381Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 382Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 383Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 407 page
background image
PCLK
TXD
RXD
1
tCOv1
t
t
ls
lh
tCOv1
1
1
2
2
2
1
1
1
2
2
2
DS479
DS534
VCC
V
TRIP
Failure to have stable VCC
within minimum t
D
.
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 36-5. Bad Power-On Reset
36.8 UART Timing
Table 36-3. UART Signals
DESCRIPTION(1)
REFERENCE
MIN
MAX
UNIT
UART INPUT SIGNALS
tIs
Input setup time RXD (asynchronous mode)
Before Rising Edge (RE) on PCLK Clock,
ns
See Figure 36-6
tIh
Input hold time aRXD (asynchronous mode)
After RE on PCLK Clock, See Figure 36-6
ns
tCKX
CKX period (synchronous mode)
See Figure 36-7
250
ns
tRXS
RXD setup time (synchronous mode)
Before Falling Edge (FE) on CKX, See Figure 36-7
40
ns
tRXH
RXD hold time (synchronous mode)
Before Falling Edge (FE) on CKX, See Figure 36-7
40
ns
UART OUTPUT SIGNALS
tCOv1
TXD output valid (all signals with propagation
After RE on PCLK Clock, See Figure 36-6
35
ns
delay from CLKRE)
tTXD
TXD output valid
After RE on CKX, See Figure 36-7
40
ns
(1)
Specified by design.
Figure 36-6. UART Asynchronous Mode Timing
Copyright © 2013, Texas Instruments Incorporated
Electrical Specifications
379
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com