Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 375 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 375 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 371Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 372Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 373Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 374Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 375Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 376Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 377Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 378Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 379Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
36.4 Telematics Codec Electrical Characteristics
Temperature: –40°C
≤ TA ≤ 85°C)
PARAMETER(1)
CONDITIONS
MIN
TYP
MAX
UNIT
DUAL AUDIO ADC
Lower (HPF Mode 1), Fs = 8 kHz
300
VADCPB
Passband
Hz
Upper, Fs = 8 kHz
3300
VADCRIP
Ripple
Same as above, relative to 1 kHz
±0.25
dB
Above 4.5 kHz
60
dB
VADCSBA
Stopband Attenuation
HPF Notch, 50/60 Hz, HPF = 1 and HPF = 2, worst
55
dB
case
1 kHz, –3 dBFS relative to idle noise,
85
dB
Fs = 8 kHz, differential, A-weighted
VADCSNR
Signal-to-Noise Ratio
Same as above, but single-ended
75
dB
1 kHz, –60 dB input, AES-17,
VADCDR
Dynamic Range
87
dB
Fs = 8 kHz, differential, A-weighted
0.13
VRMS
VADCLEVEL
Input Level
–3 dBFS, MICGAIN = 0, differential
0.354
VP-P(diff)
Per application schematic, VRIPPLE = 200 mVP-P,
VADCPSRR
Power Supply Rejection Ratio
40
dB
FRIPPLE = 217 Hz, MICGAIN = 0
Total Harmonic Distortion,
VADCTHD+N
–3 dB, 1 kHz input, relative to 0 dBFS, differential
0.015%
ADC + microphone + noise
Common Mode Voltage,
VADCCM
0.9
V
ADC + microphone
VADCOFFSET
Offset, microphone preamp
Input referenced to MICGAIN = 1111
2.6
mV
VADCRMICDIFF
Differential Input Resistance
TCMICxP to TCMICxN pins
150
k
Ω
VADCRMICSE
Single-Ended Input Resistance
TCMICxP/TCMICxN pin to AC ground (TCVBUFx pin)
75
k
Ω
VADCROVRP
VREF Output Resistance
10
Ω
Per application schematic,
VADCPSRRVRP
VREF PSRR
40
dB
VRIPPLE = 200 mVP-P, FRIPPLE = 217 Hz
Minimum
0
dB
VADCGCR
Gain Control Range
Maximum
30
dB
VADCSS
Gain Control Step Size
2
dB
VADCDELAY
ADC Group Delay
Mean from 300 Hz to 3.3 kHz
0.2
ms
STEREO DAC
SDACPB
Passband Frequency
-3 dB point, FIR optimized(2)
22
kHz
SDACRIP
Ripple
DC to 20 kHz, Fs = 48 kHz, FIR optimized(2)
±0.08
dB
SDACSBA
Stop Band Attentuation
Above Nyquist frequency, FIR optimized(2)
70
dB
1 kHz, 0 dBFS relative to idle noise, differential,
SDACSNR
Signal to Noise Ratio
A-weighted, DAC asynchronous to HCLK Clock,
86
dB
clocked from PLL
1 kHz, –60 dBFS, AES-17, differential, A-weighted,
SDACDR
Dynamic Range
DAC synchronous to HCLK Clock, clocked from 12
95
dB
MHz Main Clock
SDACTHD+N
Total Harmonic Distortion + noise
–3 dB, 1 kHz input, relative to 0 dBFS, differential
0.01%
SDACLEVEL
Line Output Level
1 kHz, 20 k
Ω load
1
VRMS
SDACLOAD
Minimum Line Output Load
1 kHz, 1 V RMS
20
k
Ω
SDACDLY
DAC Group Delay
Fs = 48 kHz
0.8
ms
(1)
Specified by design
(2)
DAC frequency response is tested using FIR compensation filter coefficients optimized for the CP3-DB-SP33 development board at a 48
kHz sampling frequency. At a 125× oversampling rate, these are C0 = 0121h, C1 = FB44h, C2 = 6C79h. At a 128× oversampling rate,
these are C0 = 00E2h, C1 = FA7Dh, C2 = 6999h.
Copyright © 2013, Texas Instruments Incorporated
Electrical Specifications
375
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com