Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR264M72PBG1-3/XT Datasheet(PDF) 4 Page - Micross Components

Part # AS4DDR264M72PBG1-3/XT
Description  Proprietary Enchanced Die Stacked iPEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR264M72PBG1-3/XT Datasheet(HTML) 4 Page - Micross Components

  AS4DDR264M72PBG1-3/XT Datasheet HTML 1Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 2Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 3Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 4Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 5Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 6Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 7Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 8Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
iPEM
4.8 Gb SDRAM-DDR2
AS4DDR264M72PBG1
AS4DDR264M72PBG1
Rev. 3.1 01/10
4
Micross Components reserves the right to change products or specifications without notice.
DESCRIPTION
The 4.8Gb DDR2 SDRAM, a high-speed CMOS, dynamic
random-access memory containing 4,831,838,208 bits.
Each of the five chips in the MCP are internally configured
as 8-bank DRAM. The block diagram of the device is
shown in Figure 2. Ball assignments and are shown in
Figure 3.
The 4.8Gb DDR2 SDRAM uses a double-data-rate
architecture to achieve high-speed operation. The
double data rate architecture is essentially a 4n-prefetch
architecture, with an interface designed to transfer
two data words per clock cycle at the I/O balls. A
single read or write access for the x72 DDR2 SDRAM
effectively consists of a single 4n-bit-wide, one-clock-
cycle data transfer at the internal DRAM core and four
corresponding n-bit-wide, one-half-clock-cycle data
transfers at the I/O balls.
A bidirectional data strobe (DQS, DQS#) is transmitted
externally, along with data, for use in data capture at the
receiver. DQS is a strobe transmitted by the DDR2
SDRAM during READs and by the memory controller
during WRITEs. DQS is edge-aligned with data for
READs and center-aligned with data for WRITEs. There
are strobes, one for the lower byte (LDQS, LDQS#) and
one for the upper byte (UDQS, UDQS#).
The MCP DDR2 SDRAM operates from a differential
clock (CK and CK#); the crossing of CK going HIGH
and CK# going LOW will be referred to as the positive
edge of CK. Commands (address and control signals)
are registered at every positive edge of CK. Input data
is registered on both edges of DQS, and output data
is referenced to both edges of DQS, as well as to both
edges of CK.
Read and write accesses to the DDR2 SDRAM are
burst oriented; accesses start at a selected location
and continue for a programmed number of locations
in a programmed sequence. Accesses begin with the
registration of an ACTIVE command, which is then
followed by a READ or WRITE command. The address
bits registered coincident with the ACTIVE command
are used to select the bank and row to be accessed.
The address bits registered coincident with the READ
or WRITE command are used to select the bank and the
starting column location for the burst access.
The DDR2 SDRAM provides for programmable read
or write burst lengths of four or eight locations. DDR2
SDRAM supports interrupting a burst read of eight with
another read, or a burst write of eight with another
write.
An auto precharge function may be enabled to provide a
self-timed row precharge that is initiated at the end of
the burst access.
As with standard DDR SDRAMs, the pipelined, multibank
architecture of DDR2 SDRAMs allows for concurrent
operation, thereby providing high, effective bandwidth by
hiding row precharge and activation time.
A self refresh mode is provided, along with a power-
saving power-down mode.
All inputs are compatible with the JEDEC standard for
SSTL_18. All full drive-strength outputs are SSTL_18-
compatible.
GENERAL NOTES
• The functionality and the timing specifications
discussed in this data sheet are for the DLLenabled
mode of operation.
• Throughout the data sheet, the various figures and
text refer to DQs as ¡°DQ.¡± The DQ term is to be
interpreted as any and all DQ collectively, unless
specifically stated otherwise. Additionally, each chip
is divided into 2 bytes, the lower byte and upper
byte. For the lower byte (DQ0¨CDQ7), DM refers to
LDM and DQS refers to LDQS. For the upper byte
(DQ8¨CDQ15), DM refers to UDM and DQS refers to
UDQS.
• Complete functionality is described throughout
the document and any page or diagram may have
been simplified to convey a topic and may not be
inclusive of all requirements.
• Any specific requirement takes precedence over a
general statement.
INITIALIZATION
DDR2 SDRAMs must be powered up and initialized
in a predefined manner. Operational procedures other
than those specified may result in undefined operation.
The following sequence is required for power up and
initialization and is shown in Figure 4 on page 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com