Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR264M72PBG1-3/XT Datasheet(PDF) 27 Page - Micross Components

Part # AS4DDR264M72PBG1-3/XT
Description  Proprietary Enchanced Die Stacked iPEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR264M72PBG1-3/XT Datasheet(HTML) 27 Page - Micross Components

Back Button AS4DDR264M72PBG1-3/XT Datasheet HTML 20Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 21Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 22Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 23Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 24Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 25Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 26Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 27Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 28Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
iPEM
4.8 Gb SDRAM-DDR2
AS4DDR264M72PBG1
AS4DDR264M72PBG1
Rev. 3.1 01/10
27
Micross Components reserves the right to change products or specifications without notice.
ORDERING INFORMATION
Part Number
Availability
AS4DDR264M72PBG1-3/IT
Consult Factory
AS4DDR264M72PBG1-38/IT
Consult Factory
AS4DDR264M72PBG1-5/IT
Consult Factory
AS4DDR264M72PBG1-3/ET
Consult Factory
AS4DDR264M72PBG1-38/ET
Consult Factory
AS4DDR264M72PBG1-5/ET
Consult Factory
AS4DDR264M72PBG1-3/XT
Consult Factory
AS4DDR264M72PBG1-38/XT
Consult Factory
AS4DDR264M72PBG1-5/XT
Consult Factory
AS4DDR264M72PBG1R-3/IT
Consult Factory
AS4DDR264M72PBG1R-38/IT
Consult Factory
AS4DDR264M72PBG1R-5/IT
Consult Factory
AS4DDR264M72PBG1R-3/ET
Consult Factory
AS4DDR264M72PBG1R-38/ET
Consult Factory
AS4DDR264M72PBG1R-5/ET
Consult Factory
AS4DDR264M72PBG1R-3/XT
Consult Factory
AS4DDR264M72PBG1R-38/XT
Consult Factory
AS4DDR264M72PBG1R-5/XT
Consult Factory
IT =
Industrial = Industrial class integrated component, fully operable across -40C to +85C
ET =
Enhanced = Enhanced class integrated component, fully operable across -40C to +105C
XT =
Military = Mil-Temperature class integrated component, fully operable across -55C to +125C
Core Clock
Freqency
Data Clock Rate
Device Grade
333MHz
Industrial
266MHz
Industrial
200MHZ
333MHz
266MHz
200MHZ
266MHz
200MHZ
333MHz
533Mbs
400Mbs
667Mbs
667Mbs
533Mbs
400Mbs
667Mbs
533Mbs
400Mbs
Industrial
Enhanced
Enhanced
Enhanced
Military
Military
Military
266MHz
533Mbs
Industrial - RoHS
333MHz
667Mbs
Industrial - RoHS
200MHZ
400Mbs
Industrial - RoHS
333MHz
667Mbs
Enhanced - RoHS
266MHz
533Mbs
Enhanced - RoHS
200MHZ
400Mbs
Enhanced - RoHS
200MHZ
400Mbs
Military - RoHS
333MHz
667Mbs
Military - RoHS
266MHz
533Mbs
Military - RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com