Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR264M72PBG1-3/XT Datasheet(PDF) 10 Page - Micross Components

Part # AS4DDR264M72PBG1-3/XT
Description  Proprietary Enchanced Die Stacked iPEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR264M72PBG1-3/XT Datasheet(HTML) 10 Page - Micross Components

Back Button AS4DDR264M72PBG1-3/XT Datasheet HTML 6Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 7Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 8Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 9Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 10Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 11Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 12Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 13Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 14Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
iPEM
4.8 Gb SDRAM-DDR2
AS4DDR264M72PBG1
AS4DDR264M72PBG1
Rev. 3.1 01/10
10
Micross Components reserves the right to change products or specifications without notice.
FIGURE 7 – EXTENDED MODE REGISTER DEFINITION
EXTENDED MODE REGISTER (EMR)
The extended mode register controls functions beyond those
controlled by the mode register; these additional functions are
DLL enable/disable, output drive strength, on die termination
(ODT) (RTT), posted AL, off-chip driver impedance calibration
(OCD), DQS# enable/disable, RDQS/RDQS# enable/disable,
and output disable/enable. These functions are controlled via the
bits shown in Figure 7. The EMR is programmed via the LOAD
MODE (LM) command and will retain the stored information
until it is programmed again or the device loses power.
Reprogramming the EMR will not alter the contents of the memory
array, provided it is performed correctly.
The EMR must be loaded when all banks are idle and no bursts
are in progress, and the controller must wait the specified time
t
MRD before initiating any subsequent operation. Violating either
of these requirements could esult in unspecified operation.
DLL
Posted CAS# RTT
Out
A9
A7 A6 A5 A4 A3
A8
A2
A1 A0
Extended mode
register (Ex)
Address bus
97
6
5
4
3
82
1
0
A10
A12 A11
BA0
BA1
10
11
12
n
0
14
E1
0
1
Output Drive Strength
Full
Reduced
Posted CAS# Additive Latency (AL)
0
1
2
3
4
5
6
Reserved
E3
0
1
0
1
0
1
0
1
E4
0
0
1
1
0
0
1
1
E5
0
0
0
0
1
1
1
1
0
1
DLL Enable
Enable (normal)
Disable (test/debug)
E0
15
E11
0
1
RDQS Enable
No
Yes
OCD Program
An
2
ODS
RTT
DQS#
E10
0
1
DQS# Enable
Enable
Disable
RDQS
RTT (Nominal)
RTT disabled
75
150
50
E2
0
1
0
1
E6
0
0
1
1
0
1
Outputs
Enabled
Disabled
E12
0
1
0
1
Mode Register Set
Mode register (MR)
Extended mode register (EMR)
Extended mode register (EMR2)
Extended mode register (EMR3)
E15
0
0
1
1
E14
MRS
BA2
1
16
0
OCD Operation
OCD exit
Reserved
Reserved
Reserved
Enable OCD defaults
E7
0
1
0
0
1
E8
0
0
1
0
1
E9
0
0
0
1
1
Notes:
1.During initialization, all three bits must be set to “1” for OCD default state, then must be set to “0” before
initialization is finished, as detailed in the initialization procedure.
2.E13 (A13) must be programmed to “0” and is reserved for future use.
3.E16 must be programmed to “0” and is reserved for future use.
4.Not all AL options are supported in any individual speed grade.
2
(100%)
(40-60%)
3
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com