Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR264M72PBG1-3/XT Datasheet(PDF) 7 Page - Micross Components

Part # AS4DDR264M72PBG1-3/XT
Description  Proprietary Enchanced Die Stacked iPEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR264M72PBG1-3/XT Datasheet(HTML) 7 Page - Micross Components

Back Button AS4DDR264M72PBG1-3/XT Datasheet HTML 3Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 4Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 5Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 6Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 7Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 8Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 9Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 10Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 11Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
iPEM
4.8 Gb SDRAM-DDR2
AS4DDR264M72PBG1
AS4DDR264M72PBG1
Rev. 3.1 01/10
7
Micross Components reserves the right to change products or specifications without notice.
MODE REGISTER (MR)
The mode register is used to define the specific mode of
operation of the DDR2 SDRAM. This definition includes the
selection of a burst length, burst type, CL, operating mode,
DLL RESET, write recovery, and power-down mode, as
shown in Figure 5. Contents of the mode register can be
altered by re-executing the LOAD MODE (LM) command. If
the user chooses to modify only a subset of the MR variables,
all variables (M0–M14) must be programmed when the
command is issued.
The mode register is programmed via the LM command
(bits BA2–BA0 = 0, 0,0) and other bits (M13–M0) will retain
the stored information until it is programmed again or the
device loses power (except for bit M8, which is selfclearing).
Reprogramming the mode register will not alter the contents
of the memory array, provided it is performed correctly.
The LM command can only be issued (or reissued) when all
banks are in the precharged state (idle state) and no bursts
are in progress. The controller must wait the specified time
t
MRD before initiating any subsequent operations such as
an ACTIVE command. Violating either of these requirements
will result in unspecified operation.
BURST LENGTH
Burst length is defined by bits M0–M3, as shown in Figure
5. Read and write accesses to the DDR2 SDRAM are burst-
oriented, with the burst length being programmable to either
four or eight. The burst length determines the maximum
number of column locations that can be accessed for a given
READ or WRITE command.
When a READ or WRITE command is issued, a block of
columns equal to the burst length is effectively selected. All
accesses for that burst take place within this block, meaning
that the burst will wrap within the block if a boundary is reached.
The block is uniquely selected by A2–Ai when BL = 4 and by
A3–Ai when BL = 8 (where Ai is the most significant column
address bit for a given configuration). The remaining (least
significant) address bit(s) is (are) used to select the starting
location within the block. The programmed burst length applies
to both READ and WRITE bursts.
FIGURE 5 – MODE REGISTER (MR) DEFINITION
BURST TYPE
Accesses within a given burst may be programmed to be
either sequential or interleaved. The burst type is selected
via bit M3, as shown in Figure 5. The ordering of accesses
within a burst is determined by the burst length, the burst
type, and the starting column address, as shown in Table
2. DDR2 SDRAM supports 4-bit burst mode and 8-bit burst
mode only. For 8-bit burst mode, full interleave address
ordering is supported; however, sequential address ordering
is nibble-based.
Burst Length
CAS#
BT
PD
A9
A7 A6 A5 A4 A3
A8
A2 A1 A0
Mode Register (Mx)
Address Bus
9
7
6
5
4
3
8
2
1
0
A10
A12 A11
BA0
BA1
10
11
12
n
0
0
14
Burst Length
Reserved
Reserved
4
8
Reserved
Reserved
Reserved
Reserved
M0
0
1
0
1
0
1
0
1
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
0
1
Burst Type
Sequential
Interleaved
M3
CAS Latency (CL)
Reserved
Reserved
Reserved
3
4
5
6
7
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
0
1
Mode
Normal
Test
M7
15
DLL TM
0
1
DLL Reset
No
Yes
M8
Write Recovery
Reserved
2
3
4
5
6
7
8
M9
0
1
0
1
0
1
0
1
M10
0
0
1
1
0
0
1
1
M11
0
0
0
0
1
1
1
1
WR
An
2
MR
M16
0
1
0
1
Mode Register Definition
Mode register (MR)
Extended mode register (EMR)
Extended mode register (EMR2)
Extended mode register (EMR3)
M15
0
0
1
1
M12
0
1
PD Mode
Fast exit
(normal)
Slow exit
(low power)
Latency
16
BA2
1
Notes:
1.A13 Not used on this part, and must be programmed to ‘0’ on
this part.
2.BA2 must be programmed to “0” and is reserved for future use.
1
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com