Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR264M72PBG1-3/XT Datasheet(PDF) 3 Page - Micross Components

Part # AS4DDR264M72PBG1-3/XT
Description  Proprietary Enchanced Die Stacked iPEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR264M72PBG1-3/XT Datasheet(HTML) 3 Page - Micross Components

  AS4DDR264M72PBG1-3/XT Datasheet HTML 1Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 2Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 3Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 4Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 5Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 6Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 7Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 8Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
iPEM
4.8 Gb SDRAM-DDR2
AS4DDR264M72PBG1
AS4DDR264M72PBG1
Rev. 3.1 01/10
3
Micross Components reserves the right to change products or specifications without notice.
BGA Locations
Symbol
Type
Description
P6
ODT
CNTL Input
On-Die-Termination: Registered High enables on data bus termination
C9,C10,D10,D11,T1,T2,
CKx, CKx\
CNTL Input
Differential input clocks, one set for each x16bits
U2,U3,V3,V4
T8
CKE
CNTL Input
Clock enable which activates all on silicon clocking circuitry
V5
CS\
CNTL Input
Chip Selects, one for each 16 bits of the data bus width
U5
RAS\
CNTL Input
Command input which along with CAS\, WE\ and CS\ define operations
U6
CAS\
CNTL Input
Command input which along with RAS\, WE\ and CS\ define operations
T9
WE\
CNTL Input
Command input which along with RAS\, CAS\ and CS\ define operations
G5,H1,M11,N7,
UDMx
CNTL Input
One Data Mask cntl. for each upper 8 bits of a x16 word
F1,F2,P10,P11,V8
LDMx
CNTL Input
One Data Mask cntl. For each lower 8 bits of a x16 word
H9,H10,M2,M3,R7
UDQSx
CNTL Input
Data Strobe input for upper byte of each x16 word
H7,H11,M1,M5,R8
UDQSx\
CNTL Input
Differential input of UDQSx, only used when Differential DQS mode is enabled
E8,E9,R3,R4,T6
LDQSx
CNTL Input
Data Strobe input for lower byte of each x16 word
F10,F11,P1,P2,R6
LDQSx\
CNTL Input
Differential input of LDQSx, only used when Differential DQS mode is enabled
J2,J3,J4,J8,J9,K2,
Ax
Input
Array Address inputs providing ROW addresses for Active commands, and
K3,K9,L2,L3,L4,L9,L10
the column address and auto precharge bit (A10) for READ/WRITE commands
J10
RFU
Future Input
L8,K10,E5
BA0,BA1,BA2
Input
Bank Address inputs
C8,D1,D2,D7,D8,D9,E1,
DQx
Input/Output Data bidirectional input/Output pins
E2,E3,E7,E10,E11,F3,
F4,F5,F7,F8,F9,G1,G2,
G3,G4,G7,G8,G9,G10,
G11,H2,H3,H4,H5,H8,
M4,M7,M8,M9,M10,N1,
N2,N3,N4,N5,N8,N9,
N10,N11,P3,P4,P5,P7,
P8,P9,R1,R2,R5,R9,
R10,R11,T3,T4,T5,T7,
T10,T11,U4,U7,U8,U9,
U10,V6,V7,V9
k6
Vref
Supply
SSTL_18 Voltage Reference
A2,A4,A5,A7,A8,A10,
VCC
Supply
Core Power Supply
B1,B11,H6,J1,J5,J7,J11,
K4,K8,L1,L5,L7,L11,M6,
V1,V11,W2,W4,W5,
W7,W8,W10
A3,A6,A9,A11,B2,B10,
VSS
Supply
Core Ground return
C1,C11,G6,J6,K1,K5,
K7,K11,L6,N6,U1,U11,
V2,V10,W1,W3,W6,
W9,W11
B3,B4,B5,B6,B7,B8,B9,
NC
No connection
C2,C3,C4,C5,C6,C7,D3,
D4,D5,D6,E4, E6, F6
A1
UNPOPULATED
Unpopulated ball matrix location (location registration aid)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com