Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR264M72PBG1-3/XT Datasheet(PDF) 24 Page - Micross Components

Part # AS4DDR264M72PBG1-3/XT
Description  Proprietary Enchanced Die Stacked iPEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR264M72PBG1-3/XT Datasheet(HTML) 24 Page - Micross Components

Back Button AS4DDR264M72PBG1-3/XT Datasheet HTML 20Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 21Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 22Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 23Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 24Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 25Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 26Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 27Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 28Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
iPEM
4.8 Gb SDRAM-DDR2
AS4DDR264M72PBG1
AS4DDR264M72PBG1
Rev. 3.1 01/10
24
Micross Components reserves the right to change products or specifications without notice.
AC OPERATING SPECIFICATIONS
-3
-38
-5
667MHz
533MHz
400MHz
Parameter
Symbol
MIN
MAX
MIN
MAX
MIN
MAX
Units
Clock Cycle Time
CL=5
tCKAVG
38
ns
CL=4
tCKAVG
3.75
8
3.75
8
5
8
ns
CL=3
tCKAVG
585858
ns
Clock High Time
tCHAVG
0.48
0.52
0.48
0.52
0.48
0.52
tCK
Clock Low Time
tCLAVG
0.48
0.52
0.48
0.52
0.48
0.52
tCK
Half Clock Period
Min of
tHP
tCH,tCL
tCH,tCL
tCH,tCL
ps
Clock Jitter - Period
tJITPER
-125
125
-125
125
-125
125
ps
Clock Jitter - Half Period
tJIT DUTY
-125
125
-125
125
-150
150
ps
Clock Jitter - Cycle to Cycle
tJITCC
ps
Cumulative Jitter error, 2 Cycles
tERR2PER
-175
175
-175
175
-175
175
ps
Cumulative Jitter error, 4 Cycles
tERR4PER
-250
250
-250
250
-250
250
ps
Cumulative Jitter error, 6-10 Cycles
tERR10PER
-350
350
-350
350
-350
350
ps
Cumulative Jitter error, 11-50 Cycles
tERR50PER
-450
450
-450
450
-450
450
ps
DQ hold skew factor
tQHS
-
340
-
400
-
450
ps
DQ output access time from CK/CK\
tAC
-450
450
-500
500
-600
600
ps
Data-out High-Z window from CK/CK\
tHZ
tAC(MAX)
tAC(MAX)
tAC(MAX)
ps
DQS Low-Z window from CL/CK\
tLZ1
tAC(MIN)
tAC(MAX)
tAC(MIN)
tAC(MAX)
tAC(MIN)
tAC(MAX)
ps
DQ Low-Z window from CK/CK\
tLZ2
2*tAC(MIN)
tAC(MAX)
2*tAC(MIN)
tAC(MAX)
2*tAC(MIN)
tAC(MAX)
ps
DQ and DM input setup time relative to DQS
tDSJEDEC
100
100
150
ps
DQ and DM input hold time relative to DQS
tDHJEDEC
175
225
275
ps
DQ and DM input pulse width (for each input)
tDIPW
0.35
0.35
0.35
tCK
Data Hold skew factor
tQHS
340
400
450
ps
DQ-DQS Hold, DQS to first DQ to go non valid, per access
tQH
tHP-tQHS
tHP-tQHS
tHP-tQHS
ps
Data valid output window (DVW)
tDVW
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
ps
DQS input-high pulse width
tDQSH
0.35
0.35
0.35
tCK
DQS input-low pulse width
tDQSL
0.35
0.35
0.35
tCK
DQS output access time from CK/CK\
tDQSCK
-400
400
-400
400
-450
450
ps
DQS falling edge to CK rising - setup time
tDSS
0.2
0.2
0.2
tCK
DQS falling edge from CK rising-hold time
tDSH
0.2
0.2
0.2
tCK
DQS-DQ skew, DQS to last DQ valid, per group, per access
tDQSQ
240
300
350
ps
DQS READ preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
DQS READ postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
WRITE preamble setup time
tWPRES
0
0
0
ps
DQS WRITE preamble
tWPRE
0.35
0.35
0.35
tCK
DQS WRITE postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
Positive DQS latching edge to associated Clock edge
tDQSS
-0.25
0.25
-0.25
0.25
-0.25
0.25
tCK
WRITE command to first DQS latching transition
WL-tDQSS WL+tDQSS WL-tDQSS WL+tDQSS WL-tDQSS WL+tDQSS
tCK
250
250
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com