Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR264M72PBG1-3/XT Datasheet(PDF) 1 Page - Micross Components

Part # AS4DDR264M72PBG1-3/XT
Description  Proprietary Enchanced Die Stacked iPEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR264M72PBG1-3/XT Datasheet(HTML) 1 Page - Micross Components

  AS4DDR264M72PBG1-3/XT Datasheet HTML 1Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 2Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 3Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 4Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 5Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 6Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 7Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 8Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
iPEM
4.8 Gb SDRAM-DDR2
AS4DDR264M72PBG1
AS4DDR264M72PBG1
Rev. 3.1 01/10
1
Micross Components reserves the right to change products or specifications without notice.
64Mx72 DDR2 SDRAM w/ SHARED CONTROL BUS
iNTEGRATED Plastic Encapsulated Microcircuit
FEATURES
DDR2 Data rate = 667, 533, 400
Available in Industrial, Enhanced and Military Temp
Package:
• Proprietary Enchanced Die Stacked iPEM
• 208 Plastic Ball Grid Array (PBGA), 16 x 23mm
• 1.00mm ball pitch
Differential data strobe (DQS, DQS#) per byte
Internal, pipelined, double data rate architecture
4n-bit prefetch architecture
DLL for alignment of DQ and DQS transitions with
clock signal
Eight internal banks for concurrent operation
(Per DDR2 SDRAM Die)
Programmable Burst lengths: 4 or 8
Auto Refresh and Self Refresh Modes (I/T Version)
On Die Termination (ODT)
Adjustable data – output drive strength
1.8V ±0.1V common core power and I/O supply
Programmable CAS latency: 3, 4, 5, 6 or 7
Posted CAS additive latency: 0, 1, 2, 3, 4 or 5
Write latency = Read latency - 1* tCK
Organized as 64M x 72
Weight: AS4DDR264M72PBG1 ~ 2.0 grams typical
NOTE: Self Refresh Mode available on Industrial and Enhanced temp. only
BENEFITS
61% Space Savings
55% I/O reduction vs Individual package
approach
Reduced part count
Reduced trace lengths for lower parasitic
capacitance
Suitable for hi-reliability applications
Upgradable to 128M x 72 density in future
Pin/Function equivalent to White
W3H64M72E-xBSx
FUNCTIONAL BLOCK DIAGRAM
ODT
VRef
VCC
VCCQ
VSS
VSSQ
VCCL
VSSDL
VCCL
VSSDL
VCCL
VSSDL
VCCL
VSSDL
VCCL
VSSDL
WE\
RAS\
CAS\
CKE\
Ax, BA0-2
UDMx, LDMx
UDSQx,UDSQx\
LDSQx, LDSQx\
ODT
CKx,CKx\
A
BC
D
DQ0-15
DQ16-31
DQ32-47
DQ48-63
A
B
C
D
DQ64-71
VCCQ
VCCQ
VCCQ
VCCQ
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
CS\
LDM4
UDM4
ODT
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
Configuration Addressing
Parameter
64 Meg x 72
Configuration
8 Meg x 16 x 8 Banks
Refresh Count
8K
Row Address
A0 A12 (8k)
Bank Address
BA0 BA2 (8)
Column Address
A0 A9 (1K)


Similar Part No. - AS4DDR264M72PBG1-3/XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4DDR264M72PBG1-3/XT AUSTIN-AS4DDR264M72PBG1-3/XT Datasheet
381Kb / 28P
64Mx72 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
More results

Similar Description - AS4DDR264M72PBG1-3/XT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S1G0732B SAMSUNG-K4S1G0732B Datasheet
126Kb / 12P
SDRAM stacked 1Gb B-die
K4H1G0638C SAMSUNG-K4H1G0638C Datasheet
348Kb / 23P
Stacked 1Gb C-die DDR SDRAM Specification
K4H510738E SAMSUNG-K4H510738E Datasheet
191Kb / 22P
Stacked 512Mb E-die DDR SDRAM Specification (x4/x8)
logo
STATS ChipPAC, Ltd.
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array - Stacked Die
FLGA-SD STATSCHIP-FLGA-SD Datasheet
537Kb / 2P
Fine Pitch Land Grid Array - Stacked Die
QFP-SD STATSCHIP-QFP-SD Datasheet
527Kb / 2P
Stacked Die Quad Flat Pack
logo
Samsung semiconductor
K4H2G0638A-UC SAMSUNG-K4H2G0638A-UC Datasheet
352Kb / 23P
Stacked 2Gb A-die SDRAM Specification
logo
List of Unclassifed Man...
SC-50-2-7 ETC2-SC-50-2-7 Datasheet
69Kb / 1P
KILO INTERNATIONAL PROPRIETARY
logo
Pulse A Technitrol Comp...
PE-64552NL PULSE-PE-64552NL Datasheet
88Kb / 1P
PULSE CONFIDENTAL PROPRIETARY
logo
Panasonic Semiconductor
KX-DT333 PANASONIC-KX-DT333 Datasheet
667Kb / 24P
Digital Proprietary Telephone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com