Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR264M72PBG1-3/XT Datasheet(PDF) 23 Page - Micross Components

Part # AS4DDR264M72PBG1-3/XT
Description  Proprietary Enchanced Die Stacked iPEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR264M72PBG1-3/XT Datasheet(HTML) 23 Page - Micross Components

Back Button AS4DDR264M72PBG1-3/XT Datasheet HTML 19Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 20Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 21Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 22Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 23Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 24Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 25Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 26Page - Micross Components AS4DDR264M72PBG1-3/XT Datasheet HTML 27Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
iPEM
4.8 Gb SDRAM-DDR2
AS4DDR264M72PBG1
AS4DDR264M72PBG1
Rev. 3.1 01/10
23
Micross Components reserves the right to change products or specifications without notice.
DDRII ICC SPECIFICATIONS AND CONDITIONS
Parameter
Symbol
Units
Operating Current: One bank active-precharge
Precharge POWER-DOWN current
Precharge quiet STANDBY current
Precharge STANDBY current
Active POWER-DOWN current
Active STANDBY current
Operating Burst WRITE current
Operating Burst READ current
Burst REFRESH current
Self REFRESH current
Operating bank Interleave READ current:
1700
1600
mA
1500
mA
1250
1100
1000
mA
250
200
mA
850
700
600
mA
300
All banks open; tCK=tCK(ICC), tRAS MAX(ICC),
tRP=tRP(ICC); CKE is HIGH, CS\ is HIGH between valid
commands; Other control and address bus inputs are
switching; Data bus inputs are switching
ICC5
ICC6
CK and CK\ at 0V; CKE </=0.2V; Other contro, address and
data inputs are floating
ICC3N
ICC4W
ICC4R
ICC7
All banks idle; tCK-=tCK(ICC); CKE is HIGH, CS\ is HIGH;
Other control and address bus inputs are switching; Data bus
inputs are switching
600
MRS[12]=1
330
50
50
35
250
275
220
mA
150
ICC2Q
All banks idle; tCK=tCK(ICC); CKE is HIGH, CS\ is HIGH;
Other control and address bus inputs are stable; Data bus
inputs are floating
ICC2N
ICC3P
All banks open; tCK=tCK(ICC); CKE is LOW;
Other control and address inputs are stable; Data
bus inputs are floating
300
MRS[12]=0
50
125
115
-38
660
600
35
750
35
-3
Operating Current: One bank active-READ-precharge
current
ICC1
All banks idle; tCK-tCK(ICC); CKE is LOW; Other control and
address bus inputs are stable; Data bus inputs are floating
-5
ICC0
ICC2P
tCL=tCK(ICC), tRC=tRC(ICC), tRAS=tRAS MIN(ICC); CKE is
HIGH, CS\ is HIGH between valid commands; Address bus
switching, Data bus switching
IOUT=0ma; BL=4, CL=CL(ICC), AL=0; tCK = tCK(ICC), tRC-
tRC(ICC), tRAS=tRAS MIN(ICC), tRCD=tRCD(ICC); CKE is
HIGH, CS\ is HIGH between valid commands; Address bus is
switching; Data bus is switching
550
mA
650
mA
mA
mA
mA
195
All banks open, continuous burst writes; BL=4, CL=CL(ICC),
tRP=tRP(ICC); CKE is HIGH, CS\ is HIGH betwwn valid
commands; Address bus inputs are switching; Data bus
All banks open, continuous burst READS, Iout=0mA; BL=4,
CL=CL(ICC), AL=0; tCL=tCK(ICC), tRAS=tRAS MAX(ICC),
tRP=tRP(ICC); CKE is HIGH, CS\ is HIGH betwwn valid
commands; Address and Data bus inputs switching
850
700
All bank interleaving READS, IOUT = 0mA; BL=4,
CL=CL(ICC), AL=tRCD(ICC)-1xtCK(ICC); tCK=tCK(ICC),
tRC=tRC(ICC), tRRD=tRRD(ICC); CKE is HIGH, CS\ is HIGH
between valid commands; Address bus inputs are stable
during deselects; Data bus inputs are switching
tCK=tCK(ICC); refresh command at every iRFC(ICC) interval;
CKE is HIGH, CS\ is HIGH Between valid commands;
Address bus inputs are switching; Data bus inputs are
switching
600
667 MHZ
533 MHZ
400 MHZ
35
35
35
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com