Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F5N Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 202 page
background image
Rev. 1.00
4�
�ove��e� 1�� �01�
Rev. 1.00
47
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
Bit3
LTO:LIRCSystemOSCSSTreadyflag
0:Notready
1:Ready
ThisisthelowspeedsystemoscillatorSSTreadyflagwhichindicateswhenthelow
speedsystemoscillatorisstableafterpoweronresetorawake-uphasoccurred.The
flagwillchangetoahighlevelafter1~2cycles.
Bit2
HTO:HIRCSystemOSCSSTreadyflag
0:Notready
1:Ready
ThisisthehighspeedsystemoscillatorSSTreadyflagwhichindicateswhenthehigh
speedsystemoscillatorisstableafterawake-uphasoccurred.Theflagwillchangeto
ahighlevelafter15~16clockcyclesiftheHIRCoscillatorisused.
Bit1
IDLEN:IDLEModeControl
0:Disable
1:Enable
ThisistheIDLEModeControlbitanddetermineswhathappenswhentheHALT
instructionisexecuted.Ifthisbitishigh,whenaHALTinstructionisexecutedthe
devicewillentertheIDLEMode.IntheIDLE1ModetheCPUwillstoprunning
butthesystemclockwillcontinuetokeeptheperipheralfunctionsoperational,if
FSYSONbitishigh.IfFSYSONbitislow,theCPUandthesystemclockwillallstop
inIDLE0mode.IfthebitislowthedevicewillentertheSLEEPModewhenaHALT
instructionisexecuted.
Bit0
HLCLK:SystemClockSelection
0:fH/2~fH/8orfSUB
1:fH
ThisbitisusedtoselectifthefHclockorthefH/2~fH/8orfSUBclockisusedasthe
systemclock.WhenthebitishighthefHclockwillbeselectedandiflowthefH/2~
fH/8orfSUBclockwillbeselected.WhensystemclockswitchesfromthefHclockto
thefSUBclockandthefHclockwillbeautomaticallyswitchedofftoconservepower.
CTRL Register
Bit
7
6
5
4
3
2
1
0
�a�e
FSYSO�
—
—
—
—
LVRF
LRF
WRF
R/W
R/W
—
—
—
—
R/W
R/W
R/W
POR
0
—
—
—
—
x
0
0
"x" unknown
Bit7
FSYSON:SystemClockfSYSControlinIDLEMode
0:Disable
1:Enable
Bit6~3
Unimplemented,readas"0"
Bit2
LVRF:LVRfunctionresetflag
Describedelsewhere.
Bit1
LRF:LVRCControlregistersoftwareresetflag
Describedelsewhere.
Bit0
WRF:WDTCControlregistersoftwareresetflag
Describedelsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com