Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F5N Datasheet(PDF) 68 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 68 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 72Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 202 page
background image
Rev. 1.00
��
�ove��e� 1�� �01�
Rev. 1.00
�9
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
Bit4
PBS4:PB4Pin-Sharedfunctionselection
0:PB4
1:SCOM0
Bit3
PBS3:PB3Pin-Sharedfunctionselection
0:PB3
1:OUT1L
Bit2
PBS2:PB2Pin-Sharedfunctionselection
0:PB2
1:OUT1H
Bit1
PBS1:PB1Pin-Sharedfunctionselection
0:PB1
1:OUT0L
Bit0
PBS0:PB0Pin-Sharedfunctionselection
0:PB0
1:OUT0H
PCPS0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
PCS31
PCS30
PCS�1
PCS�0
PCS11
PCS10
PCS01
PCS00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PCS3[1:0]:PC3Pin-Sharedfunctionselection
00:PC3
01:OCP1
10:PC3
11:PC3
Note:ifPCS3[1:0]=01&PCS2[1:0]=01,boththepinscanbeusedforOCP1inputat
thesametime.
Bit5~4
PCS2[1:0]:PC2Pin-Sharedfunctionselection
00:PC2
01:OCP1
10:PTP
11:PC2
Note:ifPCS3[1:0]=01&PCS2[1:0]=01,boththepinscanbeusedforOCP1inputat
thesametime.
Bit3~2
PCS1[1:0]:PC1Pin-Sharedfunctionselection
00:PC1
01:OCP0
10:PTP
11:PC1
Note:ifPCS1[1:0]=01&PCS0[1:0]=01,boththepinscanbeusedforOCP0inputat
thesametime.
Bit1~0
PCS0[1:0]:PC0Pin-Sharedfunctionselection
00:PC0/PTCK
01:OCP0
10:PC0/PTCK
11:PC0/PTCK
Note:ifPCS1[1:0]=01&PCS0[1:0]=01,boththepinscanbeusedforOCP0inputat
thesametime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com