Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F5N Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 202 page
background image
Rev. 1.00
1�
�ove��e� 1�� �01�
Rev. 1.00
17
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
A.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
Syste� Clock (HIRC)
VLVR ~ 5.5V fSYS=fHIRC=�MHz
—
�
—
MHz
Syste� Clock (LIRC)
VLVR ~ 5.5V fSYS=fLIRC=3�kHz
—
3�
—
kHz
fHIRC
High Speed Inte�nal RC
Oscillato� (HIRC)
5V
Ta=�5°C
-�%
�
+�%
MHz
5V ± 0.5V Ta=0°C ~ 70°C
-5%
�
+5%
MHz
5V ± 0.5V Ta= -40°C ~ �5°C
-7%
�
+7%
MHz
VLVR ~ 5.5V Ta=0°C ~ 70°C
-7%
�
+7%
MHz
VLVR ~ 5.5V Ta= -40°C ~ �5°C
-10%
�
+10% MHz
fLIRC
Low Speed Inte�nal RC
Oscillato� (LIRC)
5V
Ta=�5°C
-10%
3�
+10%
kHz
5V ± 0.5V Ta= -40°C ~ �5°C
-40%
3�
+40%
kHz
VLVR ~ 5.5V Ta= -40°C ~ �5°C
-50%
3�
+�0%
kHz
tTCK
xTCK Input Pin Mini�u�
Pulse Width
—
—
0.3
—
—
μs
tI�T
Exte�nal Inte��upt Mini�u�
Pulse Width
—
—
10
—
—
μs
tRSTD
Syste� Reset Delay Ti�e
(Powe�-on Reset�
LVR Ha�dwa�e Reset�
LVR Softwa�e Reset�
WDT Softwa�e Reset)
—
—
�.3
1�.7
33.3
�s
Syste� Reset Delay Ti�e
(WDT Ti�e-Out Ha�dwa�e
Cold Reset)
—
—
�.3
1�.7
33.3
�s
tSST
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� Powe� Down
Mode and fSYS off)
—
fSYS=fHIRC ~ fHIRC/�4
1�
—
—
tHIRC
—
fSYS=fLIRC
�
—
—
tLIRC
Syste� Sta�t-Up Ti�e� Pe�iod
(Slow Mode ↔ Normal Mode)
—
fHIRC off → on
(HTO=1)
1�
—
—
tHIRC
Syste� Sta�t-Up Ti�e� Pe�iod
(Wake-up f�o� Powe� Down
Mode and fSYS on)
—
fSYS=fHIRC ~ fHIRC/�4
�
—
—
tH
—
fSYS=fLIRC
�
—
—
tLIRC
Syste� Sta�t-Up Ti�e� Pe�iod
(WDT Ti�e-out Ha�dwa�e
Cold Reset)
—
—
0
—
—
tH
fI�C
Syste� F�equency fo� I�C
Standa�d Mode (100kHz)
—
�o clock de�ounce
�
—
—
MHz
—
� syste� clocks de�ounce
4
—
—
MHz
—
4 syste� clocks de�ounce
�
—
—
MHz
Syste� F�equency fo� I�C
Fast Mode (400kHz)
—
�o clock de�ounce
5
—
—
MHz
—
� syste� clocks de�ounce
10
—
—
MHz
—
4 syste� clocks de�ounce
�0
—
—
MHz
tSRESET
Mini�u� Softwa�e Reset
Width to Reset
—
—
45
90
1�0
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com