Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F5N Datasheet(PDF) 69 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 69 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 73Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 202 page
background image
Rev. 1.00
��
�ove��e� 1�� �01�
Rev. 1.00
�9
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
PCPS1 Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
—
—
PCS51
PCS50
PCS41
PCS40
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4
Unimplemented,readas"0"
Bit3~2
PCS5[1:0]:PC5Pin-Sharedfunctionselection
00:PC5/STCK
01:SDA
10:SCS
11:PC5/STCK
Bit1~0
PCS4[1:0]:PC4Pin-Sharedfunctionselection
00:PC4
01:SCL/SCK
10:PC4
11:PC4
PDPS0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
PDS31
PDS30
PDS�1
PDS�0
PDS11
PDS10
PDS01
PDS00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PDS3[1:0]:PD3Pin-Sharedfunctionselection
00:PD3
01:AN3
10:D1-
11:PD3
Bit5~4
PDS2[1:0]:PD2Pin-Sharedfunctionselection
00:PD2
01:AN2
10:D1+
11:PD2
Bit3~2
PDS1[1:0]:PD1Pin-Sharedfunctionselection
00:PD1
01:AN1/D0-
10:SCL/SCK
11:PD1
Bit1~0
PDS0[1:0]:PD0Pin-Sharedfunctionselection
00:PD0
01:AN0/D0+(USBD0+0.6Voutputpin)
10:SDA
11:SCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com