Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F5N Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 202 page
background image
Rev. 1.00
��
�ove��e� 1�� �01�
Rev. 1.00
�7
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
Bit3~2
PAS1[1:0]:PA1Pin-Sharedfunctionselection
00:PA1
01:OUVP0/AN10
10:PA1
11:PA1
Bit1~0
PAS0[1:0]:PA0Pin-Sharedfunctionselection
00:PA0
01:OUVP1/AN11
10:PA0
11:PA0
PAPS1 Register
Bit
7
6
5
4
3
2
1
0
�a�e
PAS71
PAS70
PAS�1
PAS�0
PAS51
PAS50
PAS41
PAS40
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PAS7[1:0]:PA7Pin-Sharedfunctionselection
00:PA7/INT2
01:AN6
10:PA7/INT2
11:PA7/INT2
Bit5~4
PAS6[1:0]:PA6Pin-Sharedfunctionselection
00:PA6/INT1
01:AN7
10:PA6/INT1
11:PA6/INT1
Bit3~2
PAS5[1:0]:PA5Pin-Sharedfunctionselection
00:PA5
01:STP
10:SDO
11:Undefined
Bit1~0
PAS4[1:0]:PA4Pin-Sharedfunctionselection
00:PA4
01:STP
10:SDI
11:Undefined
PBPS Register
Bit
7
6
5
4
3
2
1
0
�a�e
PBS7
PBS�
PBS5
PBS4
PBS3
PBS�
PBS1
PBS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
PBS7:PB7Pin-Sharedfunctionselection
0:PB7
1:SCOM3
Bit6
PBS6:PB6Pin-Sharedfunctionselection
0:PB6
1:SCOM2
Bit5
PBS5:PB5Pin-Sharedfunctionselection
0:PB5
1:SCOM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com