Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F5N Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 202 page
background image
Rev. 1.00
70
�ove��e� 1�� �01�
Rev. 1.00
71
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
PDPS1 Register
Bit
7
6
5
4
3
2
1
0
�a�e
PDS71
PDS70
PDS�1
PDS�0
PDS51
PDS50
PDS41
PDS40
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PDS7[1:0]:PD7Pin-Sharedfunctionselection
00:PD7
01:SDI
10:PD7
11:PD7
Bit5~4
PDS6[1:0]:PD6Pin-Sharedfunctionselection
00:PD6
01:SDO
10:PD6
11:PD6
Bit3~2
PDS5[1:0]:PD5Pin-Sharedfunctionselection
00:PD5
01:AN5
10:D2-
11:PD5
Bit1~0
PDS4[1:0]:PD4Pin-Sharedfunctionselection
00:PD4
01:AN4
10:D2+
11:PD4
PRM Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
SDIPRM SDOPRM
—
SCSBPRM SCKSCLPRM SDAPRM
R/W
—
—
R/W
R/W
—
R/W
R/W
R/W
POR
—
—
0
0
—
0
0
0
Bit7~6
Unimplemented,readas"0"
Bit5
SDIPRM:SDIPinRemapControl
0:SDIonPA4
1:SDIonPD7
Bit4
SDOPRM:SDOPinRemapControl
0:SDOonPA5
1:SDOonPD6
Bit3
Unimplemented,readas"0"
Bit2
SCSBPRM:SCSPinRemapControl
0:SCSonPC5
1:SCSonPD0
Bit1
SCKSCLPRM:SCK/SCLPinRemapControl
0:SCK/SCLonPC4
1:SCK/SCLonPD1
Bit0
SDAPRM:SDAPinRemapControl
0:SDAonPC5
1:SDAonPD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com