Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F5N Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 202 page
background image
Rev. 1.00
1�
�ove��e� 1�� �01�
Rev. 1.00
19
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
A/D Converter Electrical Characteristics
Ope�ating Te�pe�atu�e: -40°C~�5°C� unless othe� specify
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
—
�.55
—
5.5
V
VADI
Input Voltage
—
—
0
—
VREF
V
VREF
Refe�ence Voltage
—
—
�
—
VDD
V
D�L
Diffe�ential �onlinea�ity
3V
VREF=VDD� tADCK=0.5μs
—
—
±3
LSB
5V
VREF=VDD� tADCK=0.5μs
3V
VREF=VDD� tADCK=10μs
5V
VREF=VDD� tADCK=10μs
I�L
Integ�al �onlinea�ity
3V
VREF=VDD� tADCK=0.5μs
—
—
±4
LSB
5V
VREF=VDD� tADCK=0.5μs
3V
VREF=VDD� tADCK=10μs
5V
VREF=VDD� tADCK=10μs
IADC
Additional Cu��ent fo� A/D
Conve�te� Ena�le
3V
�o load� tADCK=0.5μs
—
1
�
�A
5V
—
1.5
3
�A
tADCK
A/D Conve�sion Clock Pe�iod
—
—
0.5
—
10
μs
tO��ST
A/D Conve�te� On-to-Sta�t Ti�e
—
—
4
—
—
μs
tADS
Sa�pling Ti�e
—
—
—
4
—
tADCK
tADC
Conve�sion Ti�e (Include A/D
Sa�ple and Hold Ti�e)
—
—
—
1�
—
tADCK
GERR
Gain E��o�
3V
VREF=VDD
-4
—
+4
LSB
5V
VREF=VDD
-4
—
+4
LSB
OSRR
Offset E��o�
3V
VREF=VDD
-4
—
+4
LSB
5V
VREF=VDD
-4
—
+4
LSB
VR
OPA Output Voltage
5V
Ta= �5°C
-1%
�.4
+1%
V
RPH
Pull-high Resistance fo� VREF
3V
—
0.7
1
1.5
kΩ
5V
—
0.7
1
1.3
kΩ
RBATV
The Su� of BATV_R1 and
BATV_R�
3V
—
�
4
�
kΩ
5V
—
�
4
�
kΩ
RRBATV
The Ratio of BATV_R1/BATV_R�
3V
—
-1%
1:1
+1%
—
5V
—
-1%
1:1
+1%
—
ROUVPn
The Su� of OUVPn_R1 and
OUVPn_R0
3V
—
1.5
3
4.5
kΩ
5V
—
1.5
3
4.5
kΩ
RROUVPn
The Ratio of
OUVPn_R1/OUVPn_R0
3V
—
-�%
1:�
+�%
—
5V
—
-�%
1:�
+�%
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com