Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F5N Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 202 page
background image
Rev. 1.00
�4
�ove��e� 1�� �01�
Rev. 1.00
�5
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
I/O Port Control Registers
EachI/OporthasitsowncontrolregisterknownasPAC~PDC,tocontroltheinput/output
configuration.Withthiscontrolregister,eachCMOSoutputorinputcanbereconfigured
dynamicallyundersoftwarecontrol.EachpinoftheI/Oportsisdirectlymappedtoabitinits
associatedportcontrolregister.FortheI/Opintofunctionasaninput,thecorrespondingbitofthe
controlregistermustbewrittenasa"1".Thiswillthenallowthelogicstateoftheinputpintobe
directlyreadbyinstructions.Whenthecorrespondingbitofthecontrolregisteriswrittenasa"0",
theI/OpinwillbesetupasaCMOSoutput.Ifthepiniscurrentlysetupasanoutput,instructions
canstillbeusedtoreadtheoutputregister.However,itshouldbenotedthattheprogramwillinfact
onlyreadthestatusoftheoutputdatalatchandnottheactuallogicstatusoftheoutputpin.
PAC Register
Bit
7
6
5
4
3
2
1
0
�a�e
PAC7
PAC�
PAC5
PAC4
PAC3
PAC�
PAC1
PAC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit7~0
PAC7~PAC0:PortAPinInput/OutputTypeSelection
0:Output
1:Input
PBC Register
Bit
7
6
5
4
3
2
1
0
�a�e
PBC7
PBC�
PBC5
PBC4
PBC3
PBC�
PBC1
PBC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit7~0
PBC7~PBC0:PortBPinInput/OutputTypeSelection
0:Output
1:Input
PCC Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
PCC5
PCC4
PCC3
PCC�
PCC1
PCC0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
1
1
1
1
1
1
Bit7~6
Unimplemented,readas"0"
Bit5~0
PCC5~PCC0:PortCPinInput/OutputTypeSelection
0:Output
1:Input
PDC Register
Bit
7
6
5
4
3
2
1
0
�a�e
PDC7
PDC�
PDC5
PDC4
PDC3
PDC�
PDC1
PDC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit7~0
PDC7~PDC0:PortDPinInput/OutputTypeSelection
0:Output
1:Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com