Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F5N Datasheet(PDF) 97 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 97 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 101Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 202 page
background image
Rev. 1.00
9�
�ove��e� 1�� �01�
Rev. 1.00
97
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
Timer/Counter Mode
Toselectthismode,bitsPTM1andPTM0inthePTMC1registershouldbesetto11respectively.
TheTimer/CounterModeoperatesinanidenticalwaytotheCompareMatchOutputMode
generatingthesameinterruptflags.TheexceptionisthatintheTimer/CounterModetheTMoutput
pinisnotused.ThereforetheabovedescriptionandTimingDiagramsfortheCompareMatch
OutputModecanbeusedtounderstanditsfunction.AstheTMoutputpinisnotusedinthismode,
thepincanbeusedasanormalI/Opinorotherpin-sharedfunction.
PWM Output Mode
Toselectthismode,bitsPTM1andPTM0inthePTMC1registershouldbesetto10respectively.
ThePWMfunctionwithinthePTMisusefulforapplicationswhichrequirefunctionssuchasmotor
control,heatingcontrol,illuminationcontroletc.Byprovidingasignaloffixedfrequencybutof
varyingdutycycleonthePTMoutputpin,asquarewaveACwaveformcanbegeneratedwith
varyingequivalentDCRMSvalues.
AsboththeperiodanddutycycleofthePWMwaveformcanbecontrolled,thechoiceofgenerated
waveformisextremelyflexible.InthePWMOutputMode,thePTCCLRbithasnoeffectonthe
PWMoperation.BothoftheCCRAandCCRPregistersareusedtogeneratethePWMwaveform,
oneregisterisusedtocleartheinternalcounterandthuscontrolthePWMwaveformfrequency,
whiletheotheroneisusedtocontrolthedutycycle.ThePWMwaveformfrequencyanddutycycle
canthereforebecontrolledbythevaluesintheCCRAandCCRPregisters.
Aninterruptflag,oneforeachoftheCCRAandCCRP,willbegeneratedwhenacomparematch
occursfromeitherComparatorAorComparatorP.ThePTOCbitinthePTMC1registerisusedto
selecttherequiredpolarityofthePWMwaveformwhilethetwoPTIO1andPTIO0bitsareusedto
enablethePWMoutputortoforcethePTMoutputpintoafixedhighorlowlevel.ThePTPOLbit
isusedtoreversethepolarityofthePWMoutputwaveform.
• 10-bit PTM, PWM Mode, Edge-aligned Mode
CCRP
1~1023
0
Pe�iod
1~10�3
10�4
Duty
CCRA
IffSYS=8MHz,PTMclocksourceselectfSYS/4,CCRP=512andCCRA=128,
ThePTMPWMoutputfrequency=(fSYS/4)/512=fSYS/2048=4kHz,duty=128/512=25%.
IftheDutyvaluedefinedbytheCCRAregisterisequaltoorgreaterthanthePeriodvalue,thenthe
PWMoutputdutyis100%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com