Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F5N Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 202 page
background image
Rev. 1.00
�0
�ove��e� 1�� �01�
Rev. 1.00
�1
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
Slew Rate Control Characteristics
Ope�ating Te�pe�atu�e: -40°C ~ �5°C� unless othe�wise specify
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOL
PB0~PB3 Po�ts Sink Cu��ent
3V
VOL = 0.�VDD
�4
�0
—
�A
5V
�0
150
—
�A
IOH
PB0~PB3 Sou�ce Cu��ent
3V
VOH = 0.�VDD
-�4
-�0
—
�A
5V
-�0
-150
—
�A
SRRISE
Output Rising edge Slew Rate fo�
PB0~PB3 Po�ts
5V
SLEWCn[�+1� �] = 00B
(n = 0�1; � = 0 o� �)
0.5V to 4.5V� CLOAD = 1000pF
�00
—
—
V/μs
5V
SLEWCn[�+1� �] = 01B
(n = 0�1; � = 0 o� �)
0.5V to 4.5V� CLOAD = 1000pF
50
�0
90
V/μs
5V
SLEWCn[�+1� �] = 10B
(n = 0�1; � = 0 o� �)
0.5V to 4.5V� CLOAD = 1000pF
�5
30
55
V/μs
5V
SLEWCn[�+1� �] = 11B
(n = 0�1; � = 0 o� �)
0.5V to 4.5V� CLOAD = 1000pF
10
15
3�
V/μs
SRFALL
Output Falling edge Slew Rate fo�
PB0~PB3 Po�ts
5V
SLEWCn[�+1� �] = 00B
(n = 0�1; � = 0 o� �)
4.5V to 0.5V� CLOAD = 1000pF
�00
—
—
V/μs
5V
SLEWCn[�+1� �] = 01B
(n = 0�1; � = 0 o� �)
4.5V to 0.5V� CLOAD = 1000pF
50
�0
90
V/μs
5V
SLEWCn[�+1� �] = 10B
(n = 0�1; � = 0 o� �)
4.5V to 0.5V� CLOAD = 1000pF
�5
30
55
V/μs
5V
SLEWCn[�+1� �] = 11B
(n = 0�1; � = 0 o� �)
4.5V to 0.5V� CLOAD = 1000pF
10
15
3�
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com