Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F5N Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 202 page
background image
Rev. 1.00
3�
�ove��e� 1�� �01�
Rev. 1.00
39
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
• PDFisclearedbyasystempower-uporexecutingthe"CLRWDT"instruction.PDFissetby
executingthe"HALT"instruction.
• TOisclearedbyasystempower-uporexecutingthe"CLRWDT"or"HALT"instruction.TOis
setbyaWDTtime-out.
• CZistheoperationalresultofdifferentflagsfordifferentinstructions.Refertoregister
definitionsformoredetails.
• SCistheresultofthe"XOR"operationwhichisperformedbytheOVflagandtheMSBofthe
currentinstructionoperationresult.
Inaddition,onenteringaninterruptsequenceorexecutingasubroutinecall,thestatusregisterwill
notbepushedontothestackautomatically.Ifthecontentsofthestatusregistersareimportantandif
thesubroutinecancorruptthestatusregister,precautionsmustbetakentocorrectlysaveit.
STATUS Register
Bit
7
6
5
4
3
2
1
0
�a�e
SC
CZ
TO
PDF
OV
Z
AC
C
R/W
R
R
R
R
R/W
R/W
R/W
R/W
POR
x
x
0
0
x
x
x
x
"x" unknown
Bit7
SC:XORoperationresult-performedbytheOVflagandtheMSBoftheinstruction
operationresult.
Bit6
CZ:Operationalresultofdifferentflagsfordifferentinstructions.
ForSUB/SUBM/LSUB/LSUBMinstructions,theCZflagisequaltotheZflag.
ForSBC/SBCM/LSBC/LSBCMinstructions,theCZflagisthe"AND"operation
resultwhichisperformedbythepreviousoperationCZflagandcurrentoperationzero
flag.
Forotherinstructions,theCZflagwillnotbeaffected.
Bit5
TO:WatchdogTime-Outflag
0:Afterpoweruporexecutingthe"CLRWDT"or"HALT"instruction
1:Awatchdogtime-outoccurred.
Bit4
PDF:Powerdownflag
0:Afterpoweruporexecutingthe"CLRWDT"instruction
1:Byexecutingthe"HALT"instruction
Bit3
OV:Overflowflag
0:Nooverflow
1:Anoperationresultsinacarryintothehighest-orderbitbutnotacarryoutofthe
highest-orderbitorviceversa.
Bit2
Z:Zeroflag
0:Theresultofanarithmeticorlogicaloperationisnotzero
1:Theresultofanarithmeticorlogicaloperationiszero
Bit1
AC:Auxiliaryflag
0:Noauxiliarycarry
1:Anoperationresultsinacarryoutofthelownibblesinaddition,ornoborrow
fromthehighnibbleintothelownibbleinsubtraction
Bit0
C:Carryflag
0:Nocarry-out
1:Anoperationresultsinacarryduringanadditionoperationorifaborrowdoes
nottakeplaceduringasubtractionoperation
Cisalsoaffectedbyarotatethroughcarryinstruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com